Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520TL/NOPB
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 7Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 8Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 9Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 10Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 11Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 12Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 13Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 14Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
-40
-20
0
20
40
60
80
TEMPERATURE, °C
0.310
0.305
0.300
0.295
0.290
Y
X
0.310
0.305
0.300
0.295
0.290
-40
-20
0
20
40
60
80
100 120
TEMPERATURE
4000
3500
3000
2500
2000
1500
1000
500
0
Red
Blue
Green
4000
3500
3000
2500
2000
1500
1000
500
0
-40
-14
12
38
64
90
TEMPERATURE,°C
0.34
0.32
0.31
0.29
0.28
0.26
X
Y
0.34
0.32
0.31
0.29
0.28
0.26
11
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 12. Typical Color Coordinates vs Temperature for Uncompensated RGB LED
The compensation values for the measured temperatures can be easily calculated when the intensity vs
temperature information is available. For the best accuracy the iterative calibration approach must be used.
Figure 13. Compensation PWM Values
The compensation values must be converted to 16°C intervals when they are programmed to the calibration
EEPROM. The evaluation software has import function, which can be used to convert the measured
compensation data to the 16°C interval format. The measured data can have any temperature points, and the
software fits a curve through the measured points and calculate new PWM values in fixed temperatures using the
curves.
Typical color coordinate and intensity stability over temperature are shown in Figure 14 and Figure 15.
Figure 14. Compensated Color Coordinates vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com