Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520TL/NOPB
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 6Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 7Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 8Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 9Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 10Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 11Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 12Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 13Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
-40
-20
0
20
40
60
80
TEMPERATURE
4000
3500
3000
2500
2000
1500
1000
500
0
Red
Blue
Green
4000
3500
2500
2000
3000
1500
1000
500
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
700
620
600
580
560
540
520
500
480
470
Target for white
light
X
Y
Green
Blue
Red
460
490
380
0
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0.2
VDDIO
Power ON
Power OFF
VDDD and VDDA
10
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 9. Power-On Signal Timing
7.3.2 RGB Driver Functionality
7.3.2.1 White Balance Control
The LP5520 is designed to provide spectrally rich white light using a three-color RGB LED. White light is
obtained when the red, green, and blue LED intensities are in proper balance. The LED intensities change
independently with temperature. For maintaining the purity of the white color and the targeted total intensity,
precise temperature dependent intensity control for each LED is required. The color coordinates in this document
refer to the CIE 1931 color graph (x,y system).
Figure 10. CIE 1931 Color Graph
Figure 11 shows a typical RGB LED intensity behavior on a 12-bit scale (0 to 4095) at constant 20-mA LED
currents. Figure 12 shows the typical color coordinate change for an uncompensated RGB LED. Figure 13 shows
the corresponding PWM values for achieving constant intensity white light across the temperature range. The
PWM values have been saturated at 104°C to avoid overheating the LED and to better utilize the PWM range.
The white balance is not maintained above 104°C in this case.
Figure 11. LED Intensity vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com