Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520TL/NOPB
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 32Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 33Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 34Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
31
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
control (06H) – Control Register
7
6
5
4
3
2
1
0
adc_ch
comp_sel
en_autoload
vout_auto
en_boost
nstby
r-0
r-0
rw-0
rw-0
rw-0
rw-1
rw-0
rw-0
adc_ch
Bit 5
0 – compensation depends from the external LM20 temperature sensor
1 – compensation depends from forward voltage of the red LED as temperature sensor
comp_sel
Bit 4
0 – compensation based on S1_IN input
1 – compensation based on S2_IN input
en_autoload
Bit 3
0 – internal boost converter loader off
1 – internal boost converter loader off
vout_auto
Bit 2
0 – manual boost output adjustment with boost_output register
1 – automatic adaptive boost output adjustment
en_boost
Bit 1
0 – boost converter disabled
1 – boost converter enabled
nstby
Bit 0
0 – LP5520 standby mode
1 – LP5520 active mode
ADC_hi_byte (08H) – Analog Digital Converter Output, bits 8-11
7
6
5
4
3
2
1
0
adc[11]
adc[10]
adc[9]
adc[8]
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
ADC_low_byte (09H) – Analog Digital Converter Output, bits 0-7
7
6
5
4
3
2
1
0
adc[7]
adc[6]
adc[5]
adc[4]
adc[3]
adc[2]
adc[1]
adc[0]
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r_correction (0AH) – Additional Brightness Correction Value Register for Red LED
7
6
5
4
3
2
1
0
corr_r[7]
corr_r[6]
corr_r[5]
corr_r[4]
corr_r[3]
corr_r[2]
corr_r[1]
corr_r[0]
rw-1
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
corr_r[7:0]
Bits 7-0
Correction
corr_r[7:0]
Multiplier
0000 0000
0
0000 0001
0.0078
0000 0010
0.0156
...
...
1000 0000
1.000
...
...
1111 1101
1.991
1111 1110
1.999
1111 1111
2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com