Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA8282CP-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 5 Page - Analog Devices

  ADA8282CP-EBZ Datasheet HTML 1Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 2Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 3Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 4Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 5Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 6Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 7Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 8Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 5 of 21
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Electrical
AVDD to EPAD
−0.3 V to +3.9 V
+INx, −INx, SCLK, SDI, SDO, CS, VIO, RESET,
−OUTx, +OUTx to EPAD
−0.3V to AVDD +
0.3 V
ESD Ratings
Human Body Model (HBM)
±4000 V
Charged Device Model (CDM)
±2000 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +125°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
32-Lead, 5 mm × 5 mm LFCSP
33.51
4.1
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com