Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA8282CP-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 1 Page - Analog Devices

  ADA8282CP-EBZ Datasheet HTML 1Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 2Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 3Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 4Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 5Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 6Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 7Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 8Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Radar Receive Path AFE:
4-Channel LNA and PGA
Data Sheet
ADA8282
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility isassumedby AnalogDevicesforits use,norforany infringements ofpatents orother
rights ofthirdparties thatmay resultfrom its use.Specificationssubjecttochangewithoutnotice.No
license is granted by implicationor otherwise underany patentorpatentrights ofAnalogDevices .
Trademarks andregistered trademarks are the property oftheir respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4 channels of low noise amplifiers (LNAs) followed by
programmable gain amplifiers (PGAs)
Minimum −3 dB bandwidth of 5 MHz
Typical –3 dB bandwidth of 42.3 MHz
Typical slew rate of 28 V/µs
Differential input and output
Gain of 18 dB to 36 dB in 6 dB steps
Selectable low noise and low power modes
Input referred noise of 4.5 nV/√Hz at 18.3 mW per channel
Input referred noise of 3.8 nV/√Hz at 26.5 mW per channel
Input referred noise of 3.6 nV/√Hz at 34.8 mW per channel
Input referred noise of 3.4 nV/√Hz at 54.8 mW per channel
Channel to channel gain matching of ±0.25 dB
Absolute gain error of ±0.5 dB
SPI programmable
Power-down mode (SPI selectable)
3.1 V p-p differential output swing when using a 3.3 V supply
32-lead, 5 mm × 5 mm LFCSP package
Specified from −40°C to +125°C
Qualified for automotive applications
APPLICATIONS
Automotive radar
Adaptive cruise control
Collision avoidance
Blind spot detection
Self parking
Electronic bumpers
FUNCTIONAL BLOCK DIAGRAM
+OUTA
–OUTA
+INA
–INA
LNA
PGA
3nV√Hz
+24dB
–6dB TO +12dB
+OUTB
–OUTB
+INB
–INB
LNA
PGA
3nV√Hz
+24dB
–6dB TO +12dB
+OUTC
–OUTC
+INC
–INC
LNA
PGA
3nV√Hz
+24dB
–6dB TO +12dB
+OUTD
–OUTD
+IND
–IND
LNA
PGA
3nV√Hz
+24dB
–6dB TO +12dB
ADA8282
POWER
MODE
SPI
GAIN
SELECT
VIO AVDD RESET
SCLK SDI SDO
CS
Figure 1.
GENERAL DESCRIPTION
The ADA8282 is designed for applications that require low cost,
low power, compact size, and flexibility. The ADA8282 has four
parallel channels, eachincluding anLNA and a PGA. The LNA
and PGA combinetoforma signal chainthat features a gain range
of 18 dB to 36 dB in 6 dB increments with a guaranteed
minimum bandwidth of 5 MHz.
Using the highest power settings, the combinedinput referred
voltage noise of the combined LNA and PGA channel is
3.4 nV/√Hz at maximum gain.
The ADA8282 can be configured in four power modes that
trade off power andnoise performance to optimize the overall
performance according to the end application.
Fabricated in an advanced complementary metal-oxide
semiconductor (CMOS)process, the ADA8282 is available in a
5 mm × 5 mm, RoHS-compliant, 32-leadLFCSP. It is specified
over the automotive temperature range of −40°C to +125°C.


Similar Part No. - ADA8282CP-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA8282 AD-ADA8282 Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
More results

Similar Description - ADA8282CP-EBZ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM640002 TRIQUINT-TQM640002 Datasheet
695Kb / 16P
GPS LNA-Filter Receive Module
logo
Analog Devices
AD8283 AD-AD8283 Datasheet
578Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Analog Devices
AD8283 AD-AD8283_15 Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
AD8284 AD-AD8284 Datasheet
632Kb / 28P
Radar Receive Path AFE - 4-Channel Mux
REV. D
AD8285 AD-AD8285 Datasheet
508Kb / 27P
Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
REV. B
logo
Skyworks Solutions Inc.
SKY13750 SKYWORKS-SKY13750 Datasheet
165Kb / 2P
MB/HB Diversity Receive LNA Module
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
8/15-Rev. B to Rev. C
AD8284 AD-AD8284_17 Datasheet
670Kb / 29P
Radar Receive Path AFE: 4-Channel Mux
23-Feb-2017
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com