Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA8282CP-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 2Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 3Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 4Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 5Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 6Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 7Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 8Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 9Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 6 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 +OUTA
23 –OUTA
22 +OUTB
21 –OUTB
20 +OUTC
19 –OUTC
18 +OUTD
17 –OUTD
1
2
3
4
5
6
7
8
+INA
–INA
+INB
–INB
+INC
–INC
+IND
–IND
ADA8282
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. TIE THE EXPOSED PAD ON THE BOTTOM SIDE OF THE
PACKAGE TO THE ANALOG/DIGITAL GROUND PLANE.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Pad. Tie the exposed pad on the bottom side of the package to the analog/digital ground plane.
1
+INA
Positive LNA Analog Input for Channel A.
2
−INA
Negative LNA Analog Input for Channel A.
3
+INB
Positive LNA Analog Input for Channel B.
4
−INB
Negative LNA Analog Input for Channel B.
5
+INC
Positive LNA Analog Input for Channel C.
6
−INC
Negative LNA Analog Input for Channel C.
7
+IND
Positive LNA Analog Input for Channel D.
8
−IND
Negative LNA Analog Input for Channel D.
9
AVDD
3.3 V Analog Supply.
10
NIC
No Internal Connection. Leave this pin floating.
11
NIC
No Internal Connection. Leave this pin floating.
12
NIC
No Internal Connection. Leave this pin floating.
13
NIC
No Internal Connection. Leave this pin floating.
14
NIC
No Internal Connection. Leave this pin floating.
15
NIC
No Internal Connection. Leave this pin floating.
16
AVDD
3.3 V Analog Supply.
17
−OUTD
Negative Analog Output for Channel D.
18
+OUTD
Positive Analog Output for Channel D.
19
−OUTC
Negative Analog Output for Channel C.
20
+OUTC
Positive Analog Output for Channel C.
21
−OUTB
Negative Analog Output for Channel B.
22
+OUTB
Positive Analog Output for Channel B.
23
−OUTA
Negative Analog Output for Channel A.
24
+OUTA
Positive Analog Output for Channel A.
25
AVDD
3.3 V Analog Supply.
26
VIO
Digital Level Select for SPI and RESET. This pin can accept 1.8 V to 3.3 V.
27
RESET
Reset Input. RESET overrides the SPI and powers down the device and returns all settings back to default. RESET is
pulled to ground by default. A logic high triggers the reset.
28
SCLK
Serial Clock.
29
CS
Chip Select Bar.
30
SDI
Serial Data Input.
31
SDO
Serial Data Output.
32
AVDD
3.3 V Analog Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com