Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA8282CP-EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 13Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 14Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 15Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 16Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 17Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 18Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 19Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 20Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 20 of 21
Register 0x17: Enable Channel Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
EN_CHANNEL3
EN_CHANNEL2
EN_CHANNEL1
EN_CHANNEL0
The enable channel register allows individual channels to be enabled or disabled. The default mode for the channel is disabled. Write 0x0F
to the EN_CHAN register to enable all channels.
When a channel is disabled but the bias generator is still enabled, the channel’s current consumption is <100 μA. When a channel is
disabled, its output pins are high-Z. The enable channel register resets at AVDD power-on to 0x00 to avoid inrush current for fast supply
ramps.
Table 24. EN_CHAN Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
3
EN_CHANNEL3
Set to b’1 to enable Channel D, and set to b’0 to disable Channel D
0x00
RW
2
EN_CHANNEL2
Set to b’1 to enable Channel C, and set to b’0 to disable Channel C
0x00
RW
1
EN_CHANNEL1
Set to b’1 to enable Channel B, and set to b’0 to disable Channel B
0x00
RW
0
EN_CHANNEL0
Set to b’1 to enable Channel A, and set to b’0 to disable Channel A
0x00
RW
Register 0x18: Enable Bias Generator Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
EN_BIAS_GEN
When any channel is enabled, the bias generator is automatically enabled. The EN_BIAS_GEN register controls whether the bias
generator stays active, even when all channels are disabled. Leaving the bias generator active decreases the enable time of the device.
Table 25. EN_BIAS_GEN Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
0
EN_BIAS_GEN
Setting EN_BIAS_GEN to 1 keeps the bias generator active, providing a faster enable time (~2 μs).
0x00
RW
Register 0x1D: GPIO Write Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
GPIO_WRITE
GPIO_WR_MODE
The GPIO_WR_MODE bit reconfigures the SDO pin to a general-purpose input/output (GPIO) port that can be written by the
GPIO_WRITE register or read by the GPIO_READ register.
Table 26. SPAREWR0 Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
1
GPIO_WRITE
Data bit is put onto the SDO pin when GPIO write mode is active.
0x00
RW
0
GPIO_WR_MODE
Write b’1 to this register to activate GPIO write mode.
0x00
RW
Register 0x1E: GPIO Read Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
GPIO_READ
Table 27. SPARERD0 Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
0
GPIO_READ
This register reflects the logic level placed on SDO when a b’0 is written to GPIO_WR_MODE.
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com