Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA8282CP-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 4Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 5Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 6Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 7Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 8Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 9Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 10Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 11Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 8 of 21
TIME (80ns/DIV)
2V
250mV
ANALOG OUTPUT
SDI
b'00
b'11
Figure 9. Gain Step Transient Response
30
25
20
15
10
5
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 18dB
GAIN = 24dB
GAIN = 30dB
GAIN = 36dB
Figure 10. Input Referred Noise vs. Frequency
40
35
30
25
20
15
10
5
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
UNTERMINATED
50Ω
Figure 11. Noise Figure vs. Frequency
42
–24
–18
–12
–6
0
6
12
18
24
30
36
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 36dB
GAIN = 30dB
GAIN = 24dB
GAIN = 18dB
Figure 12. Frequency Response at All Gains (Bias Mode 0)
42
–24
–18
–12
–6
0
6
12
18
24
30
36
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 36dB
GAIN = 30dB
GAIN = 24dB
GAIN = 18dB
Figure 13. Frequency Response at All Gains (Bias Mode 2)
4
–4
–3
–2
–1
0
1
2
3
0
800
700
600
500
400
300
200
100
TIME (ns)
VIN × GAIN
VOUT
Figure 14. Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com