Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA8282CP-EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 3Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 4Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 5Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 6Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 7Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 8Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 9Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 10Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 7 of 21
TYPICAL PERFORMANCECHARACTERISTICS
AVDD = 3.3 V, LNA + PGA gain = 36 dB (LNA gain = 24 dB, PGA gain = 12 dB), TA = 25°C, PGA_BIAS_SEL = b’10, LNA_BIAS_SEL=
b’10, unless otherwisenoted.
25000
0
5000
10000
15000
20000
GAIN ERROR (dB)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 3. Gain Accuracy Distribution
3000
2500
2000
1500
1000
0
500
–150
–100
–50
0
50
100
150
VOS (mV)
TA = –40°C
TA = +25°C
TA = +125°C
N: 12199
M: –13.1269
SD: 19.535
N: 12353
M: –7.49789
SD: 20.0841
N: 11292
M: 0.0246995
SD: 21.4755
Figure 4. Output Offset Voltage Distribution
3000
2500
2000
1500
1000
0
500
DC GAIN MISMATCH (dB)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 5. Distribution of Channel to Channel Gain Matching
350
300
250
200
150
100
50
0
PHASE MISMATCH (Degrees)
TA = –40°C
TA = +125°C
Figure 6. Distribution of Channel to Channel Phase Matching
0
–20
–40
–60
–80
–120
–100
0
5
4
3
2
1
FREQUENCY (MHz)
24dB
30dB
36dB
18dB
Figure 7. Total Harmonic Distortion (THD) vs. Frequency for Various
Gains, VOUT = −10 dBm
1800
1600
1400
1200
1000
800
600
400
200
0
1k
1G
10M
100M
1M
100k
10k
FREQUENCY (Hz)
Figure 8. Input Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com