Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049I Datasheet(PDF) 20 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 20 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 16Page - Texas Instruments SWCS049I Datasheet HTML 17Page - Texas Instruments SWCS049I Datasheet HTML 18Page - Texas Instruments SWCS049I Datasheet HTML 19Page - Texas Instruments SWCS049I Datasheet HTML 20Page - Texas Instruments SWCS049I Datasheet HTML 21Page - Texas Instruments SWCS049I Datasheet HTML 22Page - Texas Instruments SWCS049I Datasheet HTML 23Page - Texas Instruments SWCS049I Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 119 page
background image
20
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.13 Backup Battery Charger
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Backup battery charging current VBACKUP = 0 to 2.8 V, BBCHEN = 1
350
650
900
µA
End-of-charge backup battery
voltage
VCC5 = 3.6 V, IVBACKUP = –10 µA, BBSEL = 10
–3%
3.15
3%
V
VCC5 = 3.6 V, IVBACKUP = –10 µA, BBSEL = 00
–3%
3
3%
VCC5 = 3.6 V, IVBACKUP = –10 µA, BBSEL = 01
–3%
2.52
3%
VCC5 = 3.6 V, IVBACKUP = –10 µA, BBSEL = 11
VBAT – 0.3 V
VBAT
VCC5 = 3.0 V, IVBACKUP = –10 µA, BBSEL = 10
VBAT – 0.2 V
VBAT
Ground current
On mode
10
µA
(1)
These parameters are not tested. They are used for design specification only.
5.14 VRTC LDO
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage VIN (VCC7)
On mode
2.5
5.5
V
Backup mode
1.9
3
DC output voltage VOUT
On mode, 3.0 V < VIN < 5.5 V
1.78
1.83
1.88
V
Backup mode, 2.3 V
≤ VIN ≤ 2.6 V
1.72
1.78
1.84
Rated output current IOUTmax
On mode
20
mA
Backup mode
0.1
DC load regulation
On mode, IOUT = IOUTmax to 0
100
mV
Backup mode, IOUT = IOUTmax to 0
100
DC line regulation
On mode, VIN = 3.0 V to VINmax at IOUT = IOUTmax
2.5
mV
Backup mode, VIN = 2.3 V to 5.5 V at IOUT = IOUTmax
100
Transient load regulation
On mode, VIN = VINmin + 0.2 V to VINmax
IOUT = IOUTmax / 2 to IOUTmax in 5 µs
and IOUT = IOUTmax to IOUTmax / 2 in 5 µs
50(1)
mV
Transient line regulation
On mode, VIN = VINmin + 0.5 V to VINmin in 30 µs
and VIN = VINmin to VINmin + 0.5 V in 30 µs, IOUT = IOUTmax / 2
25(1)
mV
Turnon time
IOUT = 0, VIN rising from 0 up to 3.6 V, at VOUT = 0.1 V up to
VOUTmin
2.2
ms
Ripple rejection
VIN = VINDC + 100 mVpp tone,
VINDC+ = VINmin + 0.1 V to VINmax
at IOUT = IOUTmax / 2
ƒ = 217 Hz
55
dB
ƒ = 50 kHz
35
Ground current
Device in ACTIVE state
23
µA
Device in BACKUP or OFF state
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com