Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049I Datasheet(PDF) 52 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 52 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 48Page - Texas Instruments SWCS049I Datasheet HTML 49Page - Texas Instruments SWCS049I Datasheet HTML 50Page - Texas Instruments SWCS049I Datasheet HTML 51Page - Texas Instruments SWCS049I Datasheet HTML 52Page - Texas Instruments SWCS049I Datasheet HTML 53Page - Texas Instruments SWCS049I Datasheet HTML 54Page - Texas Instruments SWCS049I Datasheet HTML 55Page - Texas Instruments SWCS049I Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 119 page
background image
52
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.3.3.12 Comparators: COMP1 and COMP2
The TPS65911x device has three comparators for system status detection/control. One comparator
detects the voltage at pin VCC7. When VCC7 > VMBHI, the comparator initiates a NO SUPPLY-to-OFF
transition and the VMBHI_IT interrupt is generated. When VCC7 < VMBLO, the comparator initiates an
ACTIVE/SLEEP/OFF-to-BACKUP transition. When both VCC7 and backup battery are below VBPNR, the
NO SUPPLY state is entered.
Comparators COMP1 and COMP2 detect the voltage of VCCS. Programmable comparator COMP1 is
intended for detecting if battery voltage is high enough for an OFF-to-ACTIVE transition of the TPS65911x
device. For an OFF-to-ACTIVE transition VCCS must be > VMBCH (main battery charged) and a level
below the comparator threshold prevents the power-up sequence. The threshold can be set from 2.5 to
3.5 V with 50-mV steps through VMBCH_SEL. The comparator has debouncing so that VCCS must stay
above VMBDCH (VMBCH – 0.1 V) for a debouncing period of 61 µs. The comparator can be bypassed if
the threshold selection is set to 0. The default threshold is set in the boot configuration.
In a system with a multiple-cell battery, the battery level is sensed through an external resistor divider. The
TPS65911x device has an internal buffer at the VCCS input, which must be used with the external
resistive divider.
In a single-cell system, VCCS and VCC7 are connected directly to the battery. The VCCS input buffer can
be bypassed to minimize power consumption. The buffer bypass is controlled with the VMBBUF_BYPASS
bit in the boot configuration.
COMP2 is disabled by default and can be enabled by software. The comparator trigger generates an
interrupt which is programmable on the rising (VMBCH2_H_IT) or falling edge (VMBCH2_L_IT), hence the
comparator can be used for detecting high or low battery scenarios. COMP2 generates an interrupt for the
host. In sleep mode, this creates a wake-up interrupt for the host. In off mode, the comparator trigger
generates a turnon event. In backup or no supply modes, the comparator is not active.
The COMP2 threshold can be set from 2.5 to 3.5 V with 50-mV steps. Enabling the comparator is done
through the voltage threshold selection bit VMBDCH2_SEL, which is set to 0 by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com