Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049I Datasheet(PDF) 100 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 100 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 96Page - Texas Instruments SWCS049I Datasheet HTML 97Page - Texas Instruments SWCS049I Datasheet HTML 98Page - Texas Instruments SWCS049I Datasheet HTML 99Page - Texas Instruments SWCS049I Datasheet HTML 100Page - Texas Instruments SWCS049I Datasheet HTML 101Page - Texas Instruments SWCS049I Datasheet HTML 102Page - Texas Instruments SWCS049I Datasheet HTML 103Page - Texas Instruments SWCS049I Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 119 page
background image
100
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
4
GPIO_DEB
GPIO input debouncing time configuration:
When 0, the debouncing is 91.5 µs using a 30.5 µs clock rate
When 1, the debouncing is 150 ms using a 50 ms clock rate
RW
0
3
GPIO_PDEN
GPIO pad pulldown control:
1: Pulldown is enabled
0: Pulldown is disabled
RW
1
2
GPIO_CFG
Configuration of the GPIO pad direction:
When 0, the pad is configured as an input
When 1, the pad is configured as an output
RW
0
1
GPIO_STS
Status of the GPIO pad
RO
1
0
GPIO_SET
Value set on the GPIO output when configured in output mode
RW
0
Table 6-81. WATCHDOG_REG
Address Offset
0x69
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Watchdog
Type
RW
7
6
5
4
3
2
1
0
Reserved
WTCHDG_
MODE
WTCHDG_TIME
Bits
Field Name
Description
Type
Reset
7:4
Reserved
RO
R returns
0s
0x0
3
WTCHDG_MODE
0: Periodic operation:
A periodical interrupt is generated based on WTCHDG_TIME setting. IC
will generate WTCHDOG shutdown if interrupt is not cleared during the
period.
1: Interrupt mode:
IC will generate WTCHDOG shutdown if an interrupt is pending (no
cleared) more than WTCHDG_TIME s.
RW
0
2:0
WTCHDG_TIME
000: Watchdog disabled
001: 5 seconds
010: 10 seconds
011: 20 Seconds
100: 40 seconds
101: 60 seconds
110: 80 seconds
111: 100 seconds (EEPROM bit)
(Default value: See boot configuration)
RW
0x0
Table 6-82. VMBCH_REG
Address Offset
0x6A
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Comparator control register
Type
RW
7
6
5
4
3
2
1
0
Reserved
VMBCH_SEL
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com