Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049I Datasheet(PDF) 91 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 91 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 87Page - Texas Instruments SWCS049I Datasheet HTML 88Page - Texas Instruments SWCS049I Datasheet HTML 89Page - Texas Instruments SWCS049I Datasheet HTML 90Page - Texas Instruments SWCS049I Datasheet HTML 91Page - Texas Instruments SWCS049I Datasheet HTML 92Page - Texas Instruments SWCS049I Datasheet HTML 93Page - Texas Instruments SWCS049I Datasheet HTML 94Page - Texas Instruments SWCS049I Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 119 page
background image
91
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-65. EN2_SMPS_ASS_REG
Address Offset
0x48
Physical Address
Instance
(RESET DOMAIN: TURNOFF
RESET)
Description
Configuration Register setting the SMPS Supplies driven by the multiplexed SDASR_EN2 signal.
When control bit = 1, SMPS Supply state and voltage is driven by the SDASR_EN2 control signal and is
also defined though SLEEP_KEEP_RES_ON register setting.
When control bit = 0 no effect: SMPS Supply state is driven though registers programming and the
device state
Any control bit of this register set to 1 will disable the I2C SR Interface functionality
Type
RW
7
6
5
4
3
2
1
0
Reserved
SPARE_EN2
VDDCTRL_
EN2
VDD2_EN2
VDD1_EN2
VIO_EN2
Bits
Field Name
Description
Type
Reset
7:5
Reserved
RO
R returns
0s
0x0
4
SPARE_EN2
Spare bit
RW
0
3
VDDCTRL_EN2
When control bit = 1:
When EN2 is high the supply voltage is programmed though
VDDCtrl_OP_REG register, and it can also be programmed off..
When EN2 is low the supply voltage is programmed though
VDDCtrl_SR_REG register, and it can also be programmed off.
When EN2 is low and VDDCtrl_KEEPON = 1 the SMPS is working in
low-power mode, if not tuned off though VDDCtrl_SR_REG register.
When control bit = 0 no effect: Supply state is driven though registers
programming and the device state
RW
0
2
VDD2_EN2
When control bit = 1:
When SDASR_EN2 is high the supply voltage is programmed though
VDD2_OP_REG register, and it can also be programmed off.
When SDASR_EN2 is low the supply voltage is programmed though
VDD2_SR_REG register, and it can also be programmed off.
When SDASR_EN2 is low and SLEEP_KEEP_RES_ON = 1 the SMPS
is working in low-power mode, if not tuned off though VDD2_SR_REG
register.
When control bit = 0 no effect: Supply state is driven though registers
programming and the device state
RW
0
1
VDD1_EN2
When control bit = 1:
When SDASR_EN2 is high the supply voltage is programmed though
VDD1_OP_REG register, and it can also be programmed off.
When SDASR_EN2 is low the supply voltage is programmed though
VDD1_SR_REG register, and it can also be programmed off.
When SDASR_EN2 is low and SLEEP_KEEP_RES_ON = 1 the SMPS
is working in low-power mode, if not tuned off though VDD1_SR_REG
register.
When control bit = 0 no effect: supply state is driven though registers
programming and the device state
RW
0
0
VIO_EN2
When control bit = 1,
supply state is driven by the SCLSR_EN2 control signal and is also
defined though SLEEP_KEEP_RES_ON register setting:
When SDASR _EN2 is high the supply is on,
When SDASR _EN2 is low :
- the supply is off (default) or the SMPS is working in low-power mode if
its corresponding control bit = 1 in SLEEP_KEEP_RES_ON register
When control bit = 0 no effect: SMPS state is driven though registers
programming and the device state
RW
0
Table 6-66. INT_STS_REG
Address Offset
0x50
Physical Address
Instance
(RESET DOMAIN: FULL RESET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com