Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049I Datasheet(PDF) 71 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 71 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 67Page - Texas Instruments SWCS049I Datasheet HTML 68Page - Texas Instruments SWCS049I Datasheet HTML 69Page - Texas Instruments SWCS049I Datasheet HTML 70Page - Texas Instruments SWCS049I Datasheet HTML 71Page - Texas Instruments SWCS049I Datasheet HTML 72Page - Texas Instruments SWCS049I Datasheet HTML 73Page - Texas Instruments SWCS049I Datasheet HTML 74Page - Texas Instruments SWCS049I Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
71
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-26. RTC_RESET_STATUS_REG (continued)
Type
RW
7
6
5
4
3
2
1
0
Reserved
RESET_
STATUS
Bits
Field Name
Description
Type
Reset
7:1
Reserved
Reserved bit
RO
R returns
0s
0x0
0
RESET_STATUS
This bit can only be set to one and is cleared when a manual reset or a
POR (VBAT < 2.1) occurs. If this bit is reset it means that the RTC has
lost its configuration.
RW
0
Table 6-27. BCK1_REG
Address Offset
0x17
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Backup register which can be used for storage by the application firmware when the external host is
powered down. These registers will retain their content as long as the VRTC is active.
Type
RW
7
6
5
4
3
2
1
0
BCKUP
Bits
Field Name
Description
Type
Reset
7:0
BCKUP
Backup bit
RW
0x00
Table 6-28. BCK2_REG
Address Offset
0x18
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Backup register which can be used for storage by the application firmware when the external host is
powered down. These registers will retain their content as long as the VRTC is active.
Type
RW
7
6
5
4
3
2
1
0
BCKUP
Bits
Field Name
Description
Type
Reset
7:0
BCKUP
Backup bit
RW
0x00
Table 6-29. BCK3_REG
Address Offset
0x19
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Backup register which can be used for storage by the application firmware when the external host is
powered down. These registers will retain their content as long as the VRTC is active.
Type
RW
7
6
5
4
3
2
1
0
BCKUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com