Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049I Datasheet(PDF) 85 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 85 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 81Page - Texas Instruments SWCS049I Datasheet HTML 82Page - Texas Instruments SWCS049I Datasheet HTML 83Page - Texas Instruments SWCS049I Datasheet HTML 84Page - Texas Instruments SWCS049I Datasheet HTML 85Page - Texas Instruments SWCS049I Datasheet HTML 86Page - Texas Instruments SWCS049I Datasheet HTML 87Page - Texas Instruments SWCS049I Datasheet HTML 88Page - Texas Instruments SWCS049I Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 119 page
background image
85
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-56. DEVCTRL_REG (continued)
Type
RW
7
6
5
4
3
2
1
0
PWR_OFF_
SEQ
RTC_PWDN
CK32K_CTRL
SR_CTL_I2C_
SEL
DEV_OFF_
RST
DEV_ON
DEV_SLP
DEV_OFF
Bits
Field Name
Description
Type
Reset
7
PWR_OFF_SEQ
When 1, power-off will be sequential, reverse of power-on sequence (first
resource to power on will be the last to power off).
When 0, all resources disabled at the same time
RW
0
6
RTC_PWDN
When 1, disable the RTC digital domain (clock gating and reset of RTC
registers and logic).
This register bit is not reset in BACKUP state.
RW
0
5
CK32K_CTRL
Internal 32-kHz clock source control bit (EEPROM bit):
when 0, the internal 32-kHz clock source is the crystal oscillator or an
external 32-kHz clock in case the crystal oscillator is used in bypass
mode
when 1, the internal 32-kHz clock source is the RC oscillator.
RW
0
4
SR_CTL_I2C_SEL
Voltage scaling registers access control bit:
when 0: access to registers by voltage scaling I2C
when 1: access to registers by control I2C. The voltage scaling registers
are: VDD1_OP_REG, VDD1_SR_REG, VDD2_OP_REG,
VDD2_SR_REG, VDDCtrl_OP_REG, and VDDCtrl_SR_REG.
RW
1
3
DEV_OFF_RST
Write 1 will start an ACTIVE-to-OFF or SLEEP-to-OFF device state
transition (switch-off event) and activate reset of the digital core.
This bit is cleared in OFF state.
RW
0
2
DEV_ON
Write 1 will maintain the device on (ACTIVE or SLEEP device state) (if
DEV_OFF = 0 and DEV_OFF_RST = 0).
EEPROM bit
(Default value: See boot configuration)
RW
0
1
DEV_SLP
Write 1 allows SLEEP device state (if DEV_OFF = 0 and
DEV_OFF_RST = 0).
Write 0 will start an SLEEP-to-ACTIVE device state transition (wake-up
event) (if DEV_OFF = 0 and DEV_OFF_RST = 0). This bit is cleared in
OFF state.
RW
0
0
DEV_OFF
Write 1 will start an ACTIVE-to-OFF or SLEEP-to-OFF device state
transition (switch-off event). This bit is cleared in OFF state.
RW
0
Table 6-57. DEVCTRL2_REG
Address Offset
0x40
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Device control register
TSLOT_LENGTH: TURN OFF
RESET
Type
RW
7
6
5
4
3
2
1
0
Reserved
DCDC_SLEEP
_LVL
TSLOT_LENGTH
SLEEPSIG_
POL
PWON_LP_
OFF
PWON_LP_
RST
IT_POL
Bits
Field Name
Description
Type
Reset
7
Reserved
RO
R returns
0s
0
6
DCDC_SLEEP_LVL
When 1, DCDC output level in SLEEP mode is VDDx_SR_REG, to be
other than 0 V.
When 0, no effect
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com