Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS53353
Description  Synchronous Buck SWIFT Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS53353_16 Datasheet HTML 13Page - Texas Instruments TPS53353_16 Datasheet HTML 14Page - Texas Instruments TPS53353_16 Datasheet HTML 15Page - Texas Instruments TPS53353_16 Datasheet HTML 16Page - Texas Instruments TPS53353_16 Datasheet HTML 17Page - Texas Instruments TPS53353_16 Datasheet HTML 18Page - Texas Instruments TPS53353_16 Datasheet HTML 19Page - Texas Instruments TPS53353_16 Datasheet HTML 20Page - Texas Instruments TPS53353_16 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
=
£
p ´
´
SW
0
OUT
f
1
f
2
ESR
C
4
( ) =
´
´ OUT
1
H s
s
ESR
C
R1
R2
Voltage
Divider
1
+
VFB
+
0.6 V
PWM
Control
Logic
and
Divider
L
ESR
COUT
VC
RLOAD
IIND
IOUT
UDG-11193
IC
Switching Modulator
Output
Capacitor
VOUT
TPS53353
VIN
VIN
LL
17
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
When the feedback voltage becomes higher than 120% of the target voltage, the OVP comparator output goes
high and the circuit latches OFF the high-side MOSFET driver and latches ON the low-side MOSFET driver. The
output voltage decreases. If the output voltage reaches UV threshold, then both high-side MOSFET and low-side
MOSFET driver will be OFF and the device restarts after a hiccup delay. If the OV condition remains, both high-
side MOSFET and low-side MOSFET driver remains OFF until the OV condition is removed.
7.3.8 UVLO Protection
The TPS53353 uses VREG undervoltage lockout protection (UVLO). When the VREG voltage is lower than 3.95
V, the device shuts off. When the VREG voltage is higher than 4.2V, the device restarts. This is a non-latch
protection.
7.3.9 Thermal Shutdown
TPS53353 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 145°C),
TPS53353 is shut off. When the temperature falls about 10°C below the threshold value, the device will turn back
on. This is a non-latch protection.
7.4 Device Functional Modes
7.4.1 Small Signal Model
From small-signal loop analysis, a buck converter using D-CAP™ mode can be simplified as shown in Figure 37.
Figure 37. Simplified Modulator Model
The output voltage is compared with the internal reference voltage (ramp signal is ignored here for simplicity).
The PWM comparator determines the timing to turn on the high-side MOSFET. The gain and speed of the
comparator can be assumed high enough to keep the voltage at the beginning of each on cycle substantially
constant.
(5)
For loop stability, the 0-dB frequency, ƒ0, defined in Equation 6 needs to be lower than 1/4 of the switching
frequency.
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com