Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS53353
Description  Synchronous Buck SWIFT Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS53353_16 Datasheet HTML 17Page - Texas Instruments TPS53353_16 Datasheet HTML 18Page - Texas Instruments TPS53353_16 Datasheet HTML 19Page - Texas Instruments TPS53353_16 Datasheet HTML 20Page - Texas Instruments TPS53353_16 Datasheet HTML 21Page - Texas Instruments TPS53353_16 Datasheet HTML 22Page - Texas Instruments TPS53353_16 Datasheet HTML 23Page - Texas Instruments TPS53353_16 Datasheet HTML 24Page - Texas Instruments TPS53353_16 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
(
)
( )
(
)
(
)
(
)
-
´
=
+
´
´
´
IN
OUT
OUT
max
TRIP
IND peak
SW
IN
DS on
max
V
V
V
V
1
I
32 R
L f
V
(
)
(
)
(
)
(
)
(
)
(
)
(
)
-
´
-
´
=
´
=
´
´
´
IN
OUT
OUT
IN
OUT
OUT
max
max
SW
IN
OUT
SW
IN(max)
IND ripple
max
max
V
V
V
V
V
V
1
3
L
I
f
V
I
f
V
21
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
Table 4. Design Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VIN
Voltage range
8
12
14
V
IMAX
Maximum Input current
VIN = 8 V, IOUT = 20 A
4.1
A
No load input current
VIN = 14 V, IOUT = 0 A with auto-skip mode
1
mA
OUTPUT CHARACTERISTICS
VOUT
Output voltage
1.5
V
Output voltage regulation
Line regulation, 8 V
≤ VIN ≤ 15 V
0.1%
Load regulation, VIN = 12 V, 0 A ≤ IOUT ≤ 20
A with FCCM
0.2%
VRIPPLE
Output voltage ripple
VIN = 12 V, IOUT = 20 A with FCCM
20
mVPP
ILOAD
Output load current
0
20
A
IOCP
Output overcurrent
threshold
26
A
tSS
Soft-start time
1.4
ms
SYSTEMS CHARACTERISTICS
fSW
Switching frequency
500
kHz
η
Peak efficiency
VIN = 12 V, VOUT = 1.1 V, IOUT = 10 A
91.87%
Full load efficiency
VIN = 12 V, VOUT = 1.1 V, IOUT = 20 A
91.38%
TA
Operating temperature
25
°C
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
External Component Selection
Refer to the External Component Selection Using All Ceramic Output Capacitors section for guidelines for this
design with all ceramic output capacitors.
The external components selection is a simple process when using organic semiconductors or special polymer
output capacitors.
1. SELECT OPERATION MODE AND SOFT-START TIME
Select operation mode and soft-start time using Table 3.
2. SELECT SWITCHING FREQUENCY
Select the switching frequency from 250 kHz to 1 MHz using Table 1.
3. CHOOSE THE INDUCTOR
The inductance value should be determined to give the ripple current of approximately 1/4 to 1/2 of maximum
output current. Larger ripple current increases output ripple voltage and improves signal-to-noise ratio and
helps ensure stable operation, but increases inductor core loss. Using 1/3 ripple current to maximum output
current ratio, the inductance can be determined by Equation 8.
(8)
The inductor requires a low DCR to achieve good efficiency. It also requires enough room above peak
inductor current before saturation. The peak inductor current can be estimated in Equation 9.
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com