Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS53353
Description  Synchronous Buck SWIFT Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53353_16 Datasheet HTML 1Page - Texas Instruments TPS53353_16 Datasheet HTML 2Page - Texas Instruments TPS53353_16 Datasheet HTML 3Page - Texas Instruments TPS53353_16 Datasheet HTML 4Page - Texas Instruments TPS53353_16 Datasheet HTML 5Page - Texas Instruments TPS53353_16 Datasheet HTML 6Page - Texas Instruments TPS53353_16 Datasheet HTML 7Page - Texas Instruments TPS53353_16 Datasheet HTML 8Page - Texas Instruments TPS53353_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 14
7.4
Device Functional Modes........................................ 17
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Applications ................................................ 20
9
Power Supply Recommendations ...................... 27
10
Layout................................................................... 27
10.1
Layout Guidelines ................................................. 27
10.2
Layout Example .................................................... 28
11
Device and Documentation Support ................. 29
11.1
Trademarks ........................................................... 29
11.2
Electrostatic Discharge Caution ............................ 29
11.3
Glossary ................................................................ 29
12
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2015) to Revision C
Page
Changed the datasheet Title From: "TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-
mode™" To: "TPS53353 High-Efficiency 20-A Synchronous Buck SWIFT™ Converter With Eco-mode™" ........................ 1
Added Features: "For SWIFT™ Power Product Documentation..." ....................................................................................... 1
Changes from Revision A (April 2012) to Revision B
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Original (AUGUST 2011) to Revision A
Page
Changed conversion input voltage from "3 V" to "1.5 V"........................................................................................................ 1
Changed VIN input voltage range minimum from "3 V" to "1.5 V" ......................................................................................... 3
Changed to correct typographical error in THERMAL INFORMATION table......................................................................... 4
Changed VIN (main supply) input voltage range minimum from "3 V' to "1.5 V" in Recommended Operating Conditions... 4
Changed conversion input voltage range from "3 V" to "1.5" in Overview ........................................................................... 13
Added note to the Feature Description................................................................................................................................. 14
Changed "ripple injection capacitor" to "ripple injection resistor" in the last bullet of the section ........................................ 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com