Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS53353
Description  Synchronous Buck SWIFT Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS53353_16 Datasheet HTML 23Page - Texas Instruments TPS53353_16 Datasheet HTML 24Page - Texas Instruments TPS53353_16 Datasheet HTML 25Page - Texas Instruments TPS53353_16 Datasheet HTML 26Page - Texas Instruments TPS53353_16 Datasheet HTML 27Page - Texas Instruments TPS53353_16 Datasheet HTML 28Page - Texas Instruments TPS53353_16 Datasheet HTML 29Page - Texas Instruments TPS53353_16 Datasheet HTML 30Page - Texas Instruments TPS53353_16 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
27
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range from 1.5 V to 22 V (4.5 V to 25 V biased).
This input supply must be well regulated. Proper bypassing of input supplies and internal regulators is also
critical for noise performance, as is PCB layout and grounding scheme. See the recommendations in the Layout
section.
10 Layout
10.1 Layout Guidelines
Certain points must be considered before starting a layout work using the TPS53353.
•
The power components (including input/output capacitors, inductor and TPS53353) should be placed on one
side of the PCB (solder side). At least one inner plane should be inserted, connected to ground, in order to
shield and isolate the small signal traces from noisy power lines.
•
All sensitive analog traces and components such as VFB, PGOOD, TRIP, MODE and RF should be placed
away from high-voltage switching nodes such as LL, VBST to avoid coupling. Use internal layer(s) as ground
plane(s) and shield feedback trace from power traces and components.
•
Place the VIN decoupling capacitors as close to the VIN and PGND pins as possible to minimize the input AC
current loop.
•
Because the TPS53353 controls output voltage referring to voltage across VOUT capacitor, the top-side
resistor of the voltage divider should be connected to the positive node of the VOUT capacitor. The GND of
the bottom side resistor should be connected to the GND pad of the device. The trace from these resistors to
the VFB pin should be short and thin.
•
Place the frequency setting resistor (RF), OCP setting resistor (RTRIP) and mode setting resistor (RMODE) as
close to the device as possible. Use the common GND via to connect them to GND plane if applicable.
•
Place the VDD and VREG decoupling capacitors as close to the device as possible. Ensure to provide GND
vias for each decoupling capacitor and make the loop as small as possible.
•
The PCB trace defined as switch node, which connects the LL pins and high-voltage side of the inductor,
should be as short and wide as possible.
•
Connect the ripple injection VOUT signal (VOUT side of the C1 capacitor in Figure 41) from the terminal of
ceramic output capacitor. The AC coupling capacitor (C2 in Figure 41) should be placed near the device, and
R7 and C1 can be placed near the power stage.
•
Use separated vias or trace to connect LL node to snubber, boot strap capacitor and ripple injection resistor.
Do not combine these connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com