Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS53353
Description  Synchronous Buck SWIFT Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53353_16 Datasheet HTML 9Page - Texas Instruments TPS53353_16 Datasheet HTML 10Page - Texas Instruments TPS53353_16 Datasheet HTML 11Page - Texas Instruments TPS53353_16 Datasheet HTML 12Page - Texas Instruments TPS53353_16 Datasheet HTML 13Page - Texas Instruments TPS53353_16 Datasheet HTML 14Page - Texas Instruments TPS53353_16 Datasheet HTML 15Page - Texas Instruments TPS53353_16 Datasheet HTML 16Page - Texas Instruments TPS53353_16 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Shutdown
VREG
VDDOK
LL
TPS53353
tON
One-
Shot
Control
Logic
+
+ OCP
ZC
GND
LL
XCON
GND
+
1.2 V/0.95 V
EN
UVP/OVP
Logic
+
THOK
145°C/
135°C
+
4.2 V/
3.95 V
VIN
VBST
Fault
LL
GND
RF
+
+
PWM
+
OV
+20%
UV
+
0.6 V –30%
Delay
SS
0.6 V
VFB
TRIP
Enable
+
+
Delay
0.6 V +10/15%
0.6 V –5/10%
PGOOD
Control Logic
·
On/Off time
·
Minimum On /Off
·
Light load
·
OVP/UVP
·
FCCM/Skip
UDG-11048
10 ?A
VREG
+
SS
FCCM/
Skip
Decode
MODE
VDD
Ramp
Compensation
+
LDO
EN
13
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS53353 is a high-efficiency, single channel, synchronous buck converter suitable for low output voltage
point-of-load applications in computing and similar digital consumer applications. The device features proprietary
D-CAP™ mode control combined with an adaptive on-time architecture. This combination is ideal for building
modern low duty ratio, ultra-fast load step response DC-DC converters. The output voltage ranges from 0.6 V to
5.5 V. The conversion input voltage range is from 1.5 V up to 15 V and the VDD bias voltage is from 4.5 V to 25
V. The D-CAP™ mode uses the equivalent series resistance (ESR) of the output capacitor(s) to sense the device
current . One advantage of this control scheme is that it does not require an external phase compensation
network. This allows a simple design with a low external component count. Eight preset switching frequency
values can be chosen using a resistor connected from the RF pin to ground or VREG. Adaptive on-time control
tracks the preset switching frequency over a wide input and output voltage range while allowing the switching
frequency to increase at the step-up of the load.
The TPS53353 has a MODE pin to select between auto-skip mode and forced continuous conduction mode
(FCCM) for light load conditions. The MODE pin also sets the selectable soft-start time ranging from 0.7 ms to
5.6 ms as shown in Table 3.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com