Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS53353
Description  Synchronous Buck SWIFT Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53353_16 Datasheet HTML 1Page - Texas Instruments TPS53353_16 Datasheet HTML 2Page - Texas Instruments TPS53353_16 Datasheet HTML 3Page - Texas Instruments TPS53353_16 Datasheet HTML 4Page - Texas Instruments TPS53353_16 Datasheet HTML 5Page - Texas Instruments TPS53353_16 Datasheet HTML 6Page - Texas Instruments TPS53353_16 Datasheet HTML 7Page - Texas Instruments TPS53353_16 Datasheet HTML 8Page - Texas Instruments TPS53353_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
UDG-11047
TPS53353
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
VOUT
VREG
GND
EN
PGOOD
VVDD
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
TPS53353 High-Efficiency 20-A Synchronous Buck SWIFT™ Converter With Eco-mode™
1
1 Features
1
•
Conversion Input Voltage Range: 1.5 V to 15 V
•
VDD Input Voltage Range: 4.5 V to 25 V
•
92% Efficiency From 12 V to 1.5 V at 20 A
•
Output Voltage Range: 0.6 V to 5.5 V
•
5-V LDO Output
•
Supports Single-Rail Input
•
Integrated Power MOSFETs With 20 A of
Continuous Output Current
•
Auto-Skip Eco-mode™ for Light-Load Efficiency
•
< 10-
μA Shutdown Current
•
D-CAP™ Mode With Fast Transient Response
•
Selectable Switching Frequency From 250 kHz to
1 MHz With External Resistor
•
Selectable Auto-Skip or PWM-Only Operation
•
Built-in 1% 0.6-V Reference.
•
0.7-ms, 1.4-ms, 2.8-ms and 5.6-ms Selectable
Internal Voltage Servo Soft-Start
•
Integrated Boost Switch
•
Precharged Start-up Capability
•
Adjustable Overcurrent Limit With Thermal
Compensation
•
Overvoltage, Undervoltage, UVLO and
Overtemperature Protection
•
Supports All Ceramic Output Capacitors
•
Open-Drain Power-Good Indication
•
Incorporates NexFET™ Power Block Technology
•
22-Pin QFN Package With PowerPAD™
•
For SWIFT™ Power Products Documentation,
see http://www.ti.com/swift
2 Applications
•
Server/Storage
•
Workstations and Desktops
•
Telecommunications Infrastructure
3 Description
TPS53353 is a D-CAP™ mode, 20-A synchronous
switcher with integrated MOSFETs. It is designed for
ease of use, low external component count, and
space-conscious power systems.
This device features 5.5-m
Ω / 2.2-mΩ integrated
MOSFETs,
accurate
1%,
0.6-V
reference,
and
integrated boost switch. A sample of competitive
features include: a conversion input voltage range
from 1.5 V to 15 V, very low external component
count, D-CAP™ mode control for super fast transient,
auto-skip mode operation, internal soft-start control,
selectable frequency, and no need for compensation.
The conversion input voltage ranges from 1.5 V to 15
V, the supply voltage range is from 4.5 V to 25 V, and
the output voltage range is from 0.6 V to 5.5 V.
The device is available in 5-mm × 6-mm, 22-pin QFN
package and is specified from –40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS53353
LSON-CLIP (22)
6.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application


Similar Part No. - TPS53353_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
More results

Similar Description - TPS53353_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
Synchronous Buck SWIFT Converter
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com