Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02016 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02016 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M02016
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
Figure 2-1.
Bare Die Layout
MON
PINA
PINK
V
CC
AGC
DOUT
GND
GND
DOUTGND
1
2
3
4
56
7
8
9
10
11
12
V
CC
DOUT
DOUTGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com