Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02016 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
M02016
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
2
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
Ordering Information
Part Number
Package
Operating Temperature
M02016-xx*
Waffle Pack
–40°C to 85°C
M02016-xx*
Expanded whole wafer on a ring
–40°C to 85°C
NOTE:
*xx represents the revision number. Please contact your local sales office for correct digits.
Revision History
Revision
Level
Date
Description
V4
Release
May 2015
Updated logos and page layout. No content changes.
G (V3)
Release
August 2007
Corrected PinA, AGC, and DOUT absolute maximum voltage in Table 1-1. Removed Imon graph from
the Typical Performance graphs (Chapter 1).
F (V2)
Release
June 2007
Revised Table 1-1 Separate Applications Information from Functional Description. Add notes to clarify
the bonding procedure.
E (V1)
Release
November 2004
Production Release.
Typical Eye Diagram
Eye Diagram for 1.25 Gbps at -27 dBm Input Signal
Pad Configuration
MON
PINA
PINK
V
CC
AGC
DOUT
GND
GND
DOUTGND
1
2
3
4
56
7
8
9
10
11
12
V
CC
DOUT
DOUTGND
Die size
≈ 1090 x 880 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com