Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02016 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
M02016
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
4
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
1.3
DC Characteristics
1.4
AC Characteristics
Table 1-3.
DC Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Units
VB
Photodiode bias voltage (PINK – PINA)
1.7
2.0
2.2
V
VCM
Common mode output voltage
0.7
1
1.3
V
ICC
Supply current (no loads)
23
30
39
mA
RLOAD
Recommended differential output loading
—
100 (1)
—
Ω
NOTE:
1.
100
Ω is the load presented by the limiting amplifier.
Table 1-4.
AC Characteristics
Symbol
Parameter
Minimum
Typical(1)
Maximum
Units
ROUT
Output impedance (single ended) (2)
35
50
65
Ω
LFC
Low frequency cutoff (3)
—70
115
kHz
VD
Differential output voltage
—
275
500
mV
DCD
Duty cycle distortion
—
—
40
ps
DJ
Deterministic jitter (includes DCD)
—
—
80
psPP
In_rms
Total input RMS noise, DC to 930 MHz, Cin = 0.5 pF
—
130
185
nA
Pin
Example dynamic range of optical input (4)
–28
—
+6
dBm
PIN_mean_min
Optical Sensitivity (4)
—–29
—
dBm
NOTES:
1.
Die designed to operate over an ambient temperature range of –40°C to +85°C, TA and VCC range from 3.0–3.6V. Typical values are tested at TA =
25°C and VCC= 3.3V.
2.
Measured at 1 MHz.
3.
Input –28 dBm, Extinction Ratio = 10, Temp = 25
°C.
4.
BER 10–10, PD capacitance = 0.5 pF, Responsivity 0.9 A/W, Extinction Ratio = 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com