Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02016 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02016 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02016
11
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
3.0
Functional Description
3.1
Overview
The M02016 is a CMOS transimpedance amplifier with AGC. The AGC gives a wide dynamic range of 35dB. The
high transimpedance gain of 24 k
Ω ensures good sensitivity.
For optimum system performance, the M02016 die should be mounted with a silicon or InGaAs PIN photo detector
inside a lensed TO-Can or other optical sub-assembly.
The M02016 can either bias the PIN diode from the internal regulator or use an externally biased PIN diode.
A replica of the average photodiode current is available at the MON pad for photo-alignment.
Figure 3-1.
M02016 Block Diagram
DC
Restore
Phase
Splitter
B.I.S.T.
EN
AGC
PINA
PINK
MON
DOUT
DOUT
2.6 V
1 V
DC Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com