Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02016 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M02016 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02016
13
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
4.0 Applications Information
4.1
Recommended Pin Diode Connections
Figure 4-1.
Suggested PIN Diode Connection Methods
Recommended Circuit
PINA
DOUT
DOUTB
VCC
PINK
1 nF
M02016
470 pF
VCC
GND
TIA Bond Pad
TO Can Lead
Alternative Circuit: External PD/APD Bias
PINA
DOUT
DOUTB
VCC
PINK
1 nF
500
Ω
470 pF
M02016
PDC_Bias
VCC
PDC
GND
TIA Bond Pad
TO Can Lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com