Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02016 Datasheet(PDF) 18 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 18 Page - M/A-COM Technology Solutions, Inc.

Back Button M02016 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
M02016
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
18
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
After the TIA is turned on, the DC servo and AGC circuits attempt to null any input currents (up to the absolute
maximum stated in Table 1-1) as shown by the I/V curve in Figure 4-5.
It can be seen that any negative voltage below 200 mV is nulled and that any positive going voltage above the
PINA standing voltage is nulled by the DC servo. The DC servo upper bandwidth varies from part to part, but is
generally at least 30 kHz.
When externally biasing a detector such as an APD where the supply voltage of the APD exceeds that for PINA
Table 1-1, care should be taken to power up the TIA first and to keep the TIA powered up until after the power
supply voltage of the APD is removed. Failure to do this with the TIA unpowered may result in damage to the input
FET gate at PINA. In some cases the damage may be very subtle, in that nearly normal operation may be
experienced with the damage causing slight reductions in bandwidth and corresponding reductions in input
sensitivity.
Figure 4-5.
TIA Use with Externally Biased Detectors, Powered On
PINA biased
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-300
-200
-100
0
100
200
300
400
500
600
700
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com