Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8055 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8055
Description  8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8055 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8055 Datasheet HTML 1Page - Sipex Corporation SP8055 Datasheet HTML 2Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Rev. 10/08/03
SP8055, PDIC Receiver with 12 Channels Settings
© Copyright 2003 Sipex Corporation
SP8055
FEATURES
■ Data Channel Bandwith: 140MHz
■ Twelve Selectable Gain Settings
■ > 60dB PSRR
■ <10mV typical offset (Gains 1-32)
■ 10ns Typical Setting Time
■ -68dBm Noise Level (RF Channels)
APPLICATIONS
■ DVD-RW
■ DVD-RAM
■ CD/DVD COMBINATION DRIVES
®
DESCRIPTION
The SP8055 is a PDIC specifically designed for high speed DVD-RW or DVD-RAM applications. The 8-
channel wide-band design enables higher speed laser optic write operation in modern CD/DVD combina-
tion drives. Low noise operation allows data recovery (read) at very low signal levels. The SP8055 has 12
gain settings to allow maximum flexibility.
1
2
16
15
14
13
12
11
3
4
5
6
7
8
10
9
SP8055
16 Pin COB
VREF
GAIN2
GAIN1
GAIN3
EOUT
FOUT
GOUT
HOUT
VCC
RF+
RF-
DOUT
BOUT
COUT
AOUT
GND
8 Channel,
140MHz Fully Integrated PDIC Receiver with 12 Gain settings


Similar Part No. - SP8055

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
More results

Similar Description - SP8055

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
4 Channel, 100MHz Fully Integrated PDIC Receiver
SP8042 SIPEX-SP8042 Datasheet
51Kb / 5P
12 Channel, PDIC
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
logo
NXP Semiconductors
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
870 MHz optical receiver with integrated gain control
2003 Oct 22
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
AFE5804 TI1-AFE5804_17 Datasheet
693Kb / 63P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com