Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 17 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 17 Page - LSI Computer Systems

Back Button LS7166_08 Datasheet HTML 11Page - LSI Computer Systems LS7166_08 Datasheet HTML 12Page - LSI Computer Systems LS7166_08 Datasheet HTML 13Page - LSI Computer Systems LS7166_08 Datasheet HTML 14Page - LSI Computer Systems LS7166_08 Datasheet HTML 15Page - LSI Computer Systems LS7166_08 Datasheet HTML 16Page - LSI Computer Systems LS7166_08 Datasheet HTML 17Page - LSI Computer Systems LS7166_08 Datasheet HTML 18Page - LSI Computer Systems LS7166_08 Datasheet HTML 19Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
/* Decrement CNTR once for A / B = 1, if A / B inputs are enabled */
#define Decr_CNTR
0x04
/* Increment CNTR once for A / B = 1, if A / B inputs are enabled */
#define Incr_CNTR
0x02
/* Set Input A = Up Count Input, Input B = Down Count Input */
#define AUP_BDN
0x00
/* Set Input A = Count Input, Input B = Count Direction Input */
/* B = 0 selects Up Count Mode */
/* B = 1 selects Down Count Mode */
#define AIN_BDIR 0x01
/************************************************************************/
/* OCCR (Output Control Register) */
/* Select OCCR */
#define OCCR(arg) (arg | 0x80)
___ _____
/* Set CY = COMP Comparator Out (active "0") */
___
/* Set BW = COMPT Comparator Toggle Output */
#define COMPN_COMPT 0x30
___
/* Set CY = CY */
___
/* Set BW = BW */
#define CY_BW 0x20
___ ___
/* Set CY = CY */
____ ____
/* Set BW = BW */
#define CYN_BWN 0x00
/* Set Binary or BCD Count Mode */
#define Bin_BCD_Cnt 0x00
/* Set 24 Hr Clock Mode – Overrides BCD / Binary Modes */
#define Clk_24HR_Cnt 0x08
/* Set Normal Count Mode */
#define Nrml_Cnt 0x00
/* Set Divide by N Count Mode */
#define div_N_Cnt 0x04
/* Set Non Recycle Count Mode */
#define Nrcyc_Cnt 0x02
/* Set Binary Count Mode */
#define Bin_Cnt 0x00
/* Set BCD Count Mode */
#define BCD_Cnt 0x01
/************************************************************************/
7166-081507-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com