Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7166_08 Datasheet HTML 1Page - LSI Computer Systems LS7166_08 Datasheet HTML 2Page - LSI Computer Systems LS7166_08 Datasheet HTML 3Page - LSI Computer Systems LS7166_08 Datasheet HTML 4Page - LSI Computer Systems LS7166_08 Datasheet HTML 5Page - LSI Computer Systems LS7166_08 Datasheet HTML 6Page - LSI Computer Systems LS7166_08 Datasheet HTML 7Page - LSI Computer Systems LS7166_08 Datasheet HTML 8Page - LSI Computer Systems LS7166_08 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
OCCR (Output Control Register) Initializes CNTR and output operating modes.
Accessed by
: WRITE when C/D = 1, CS = 0.
Bit # 7 6 5 4 3 2 1 0
1 0
0
: Binary count mode (Overridden by D3 = 1).
1
: BCD count mode (Overridden by D3 = 1)
0
: Normal count mode
1
: Non-Recycle count mode. (CNTR enabled with a Load or Reset
CNTR and disabled with generation of Carry or Borrow.
In this mode no external CY or BW is generated. Instead
CYT or BWT should be used as cycle completion indicator.)
0
: Normal count mode
1
: Divide by N count mode (CNTR is reloaded with PR data upon
Carry or Borrow).
0
: Binary or BCD count mode (see D0)
1
: 24 Hour Clock mode with Byte 0 = Sec, Byte 1 = Min and Byte 2 = Hr.
(Overrides BCD/Binary Modes)
0
Pin 16 = CY, Pin 17 = BW. (Active Low)
0
1
Pin 16 = CYT, Pin 17 = BWT
0
0
Pin 16 = CY, Pin 17 = BW. (Active high)
1
1
Pin 16 = COMP, Pin 17 = COMPT
1
0
Select OCCR
1
QR (Quadrature Register). Selects quadrature count mode (See Fig. 7)
Accessed by
: WRITE when C/D = 1, CS = 0.
Bit # 7 6 5 4 3 2 1 0
1 1 X X X X
0
Disable quadrature mode
0
1
Enable x1 quadrature mode
0
0
Enable x2 quadrature mode
1
1
Enable x4 quadrature mode
1
1
Select QR
1
7166-110103-4
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com