Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button LS7166_08 Datasheet HTML 2Page - LSI Computer Systems LS7166_08 Datasheet HTML 3Page - LSI Computer Systems LS7166_08 Datasheet HTML 4Page - LSI Computer Systems LS7166_08 Datasheet HTML 5Page - LSI Computer Systems LS7166_08 Datasheet HTML 6Page - LSI Computer Systems LS7166_08 Datasheet HTML 7Page - LSI Computer Systems LS7166_08 Datasheet HTML 8Page - LSI Computer Systems LS7166_08 Datasheet HTML 9Page - LSI Computer Systems LS7166_08 Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TRANSIENT CHARACTERISTICS (See Timing Diagrams in Fig. 2 thru Fig. 7,
VDD = 3V to 5.5V, TA = 0˚ to 85˚C, unless otherwise specified)
Parameter
Symbol
Min.Value
Max.Value
Unit
Clock A/B "Low”
TCL
18
No Limit
ns
Clock A/B "High"
TCH
22
No Limit
ns
Clock A/B Frequency
fc
0
25
MHz
(See NOTE 1)
Clock UP/DN Reversal
TUDD
100
-
ns
Delay
LCTR Positive edge to
TLC
100
-
ns
the next A/B positive or
negative edge delay
Clock A/B to
TCBL
-
65
ns
CY/BW/COMP "low"
propagation delay
Clock A/B to
TCBH
-
85
ns
CY/BW/COMP "high"
propagation delay
LCTR and LLTC pulse
TLCW
60
-
ns
width
Clock A/B to CYT, BWT
TTFH
-
100
ns
and COMPT "high"
propagation delay
Clock A/B to CYT, BWT
TTFL
-
100
ns
and COMPT "low"
progagation delay
WR pulse width
TWR
60
-
ns
RD to data out delay
TR
-
110
ns
(CL=20pF)
CS, RD Terminate to
TRT
-
30
ns
Data-Bus Tri-State
Data-Bus set-up
TDS
30
-
ns
time for WR
Data-Bus hold time for WR
TDH
30
-
ns
CS set-up time for RD
TSRS
0
-
ns
CS hold time for RD
TSRH
0
-
ns
Back to Back RD delay
TRR
60
-
ns
RD to WR delay
-
60
-
ns
C/D set-up time for RD
TCRS
0
C/D hold time for RD
TCRH
30
C/D set-up time for WR
TCWS
30
-
ns
C/D hold time for WR
TCWH
30
-
ns
CS set-up time for WR
TSWS
60
-
ns
CS hold time for WR
TSWH
0
-
ns
Back to Back WR delay
Tww
60
-
ns
WR to RD delay
-
60
-
ns
Quadrature Mode:
Clock A/B Validation delay
TCQV
-
160
ns
(See NOTE 1)
A and B phase delay
TPH
208
-
ns
Clock A/B frequency
fCQ
-
1.2
MHz
CY, BW, COMP pulse width
TCBW
85
200
ns
NOTE 1: In quadrature mode A/B inputs are filtered and required to be stable
for at least TCQV length to be valid.
7166-011705-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com