Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7166_08 Datasheet HTML 1Page - LSI Computer Systems LS7166_08 Datasheet HTML 2Page - LSI Computer Systems LS7166_08 Datasheet HTML 3Page - LSI Computer Systems LS7166_08 Datasheet HTML 4Page - LSI Computer Systems LS7166_08 Datasheet HTML 5Page - LSI Computer Systems LS7166_08 Datasheet HTML 6Page - LSI Computer Systems LS7166_08 Datasheet HTML 7Page - LSI Computer Systems LS7166_08 Datasheet HTML 8Page - LSI Computer Systems LS7166_08 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
24-BIT QUADRATURE COUNTER
FEATURES:
• Programmable modes are: Up/Down,
Binary, BCD, 24 Hour Clock, Divide-by-N,
x1 or x2 or x4 Quadrature and Single-Cycle.
• DC to 25MHz Count Frequency.
• 8-Bit I/O Bus for uP Communication and Control.
• 24-Bit comparator for pre-set count comparison.
• Readable status register.
• Input/Output TTL and CMOS compatible.
• 3V to 5.5V operation (VDD - VSS).
• LS7166 (DIP); LS7166-S (SOIC);
LS7166-TS24 (24-Pin TSSOP)
- See Figure 1 -
GENERAL DESCRIPTION:
The LS7166 is a CMOS, 24-bit counter that can be pro-
grammed to operate in several different modes. The oper-
ating mode is set up by writing control words into internal
control registers (see Figure 8). There are three 6-bit and
one 2-bit control registers for setting up the circuit functional
characteristics. In addition to the control registers, there is a
5-bit output status register (OSR) that indicates the current
counter status. The IC communicates with external circuits
through an 8-bit three state I/O bus. Control and data words
are written into the LS7166 through the bus. In addition to
the I/O bus, there are a number of discrete inputs and out-
puts to facilitate instantaneous hardware based control func-
tions and instantaneous status indication.
REGISTER DESCRIPTION:
Internal hardware registers are accessible through the I/O
bus (D0 - D7) for READ or WRITE when CS = 0. The C/D in-
put selects between the control registers (C/D = 1) and the
data registers (C/D = 0) during a READ or WRITE operation.
(See Table 1)
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
December 2008
FIGURE 1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7166
PIN ASSIGNMENTS - Top View
7166-121508-1
20-PIN
DIP and SOIC
LCTR/LLTC
ABGT/RCTR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D1
D2
D3
D4
D5
D6
D7
CY
BW
C/D
RD
VSS ( -V )
WR
CS
VDD ( +V)
A
B
D0
24-PIN
TSSOP
1
2
3
4
5
6
7
8
9
15
16
17
18
19
20
21
22
23
24
12
CS
WR
NC
NC
NC
A
LCTR/LLTC
ABGT/RCTR
B
D0
D1
D2
VSS (-V)
D3
D4
D5
D6
D7
NC
VDD ( +V)
C/D
RD
BW
CY
11
10
13
14
UL
®
A3800


Similar Part No. - LS7166_08

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
More results

Similar Description - LS7166_08

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
24-BIT QUADRATURE COUNTER
LS7266R1 LSI-LS7266R1 Datasheet
71Kb / 14P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
24-BIT FOUR-AXES QUADRATURE COUNTER
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
24-BIT x 4-AXES QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7366R LSI-LS7366R Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7267 LSI-LS7267 Datasheet
1Mb / 15P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
24-BIT x 4-AXES QUADRATURE COUNTER
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
48-BIT QUADRATURE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com