Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 13 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 13 Page - LSI Computer Systems

Back Button LS7166_08 Datasheet HTML 9Page - LSI Computer Systems LS7166_08 Datasheet HTML 10Page - LSI Computer Systems LS7166_08 Datasheet HTML 11Page - LSI Computer Systems LS7166_08 Datasheet HTML 12Page - LSI Computer Systems LS7166_08 Datasheet HTML 13Page - LSI Computer Systems LS7166_08 Datasheet HTML 14Page - LSI Computer Systems LS7166_08 Datasheet HTML 15Page - LSI Computer Systems LS7166_08 Datasheet HTML 16Page - LSI Computer Systems LS7166_08 Datasheet HTML 17Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
7166-110103-13
16
17
3
4
6
7
GND
VDD
CY
BW
LCTR/LLTC
RBGT/RCTR
A COUNT IN
B COUNT IN
D0
D1
D2
D3
D4
D5
D6
D7
8
9
10
11
12
13
14
15
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
A0
CS/
2
WR/
1
RD/
19
ADDRESS
DECODE
D
Q
CLK
Q
CL
PR
74HC74
2
5
6
9
12
15
16
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
20
LS7166
+5V
+5V
5
6
4
2
1
3
1
4
5
6
74HC08
U5 A
U6 B
74HC04
1
2
3
4
74HC04
74HC08
U6 A
U5 B
74HC373
68HC11A1
27
26
28
25
24
42
43
44
45
46
47
31
32
33
34
35
36
37
38
16
15
14
13
12
11
10
9
5
4
3
2
1
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PD0
PD1
PD2
PD3
PD4
PD5
MODA
MODB
U1
30
29
39
41
40
8
7
6
17
18
19
20
22
21
XTAL
EXTAL
RESET
IRQ
XIRD
PA0
PA1
PA2
PE0
PE1
PE2
PE3
YRH
YRL
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
3
4
7
8
13
14
17
18
1
11
U3
OC
G
D0
D1
D2
D3
D4
D5
D6
D7
C/D
CS
WR
RD
FIGURE 11. LS7166 TO 68HC11 INTERFACE
18
2
E
AS
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com