Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 7 Page - LSI Computer Systems

Back Button LS7166_08 Datasheet HTML 3Page - LSI Computer Systems LS7166_08 Datasheet HTML 4Page - LSI Computer Systems LS7166_08 Datasheet HTML 5Page - LSI Computer Systems LS7166_08 Datasheet HTML 6Page - LSI Computer Systems LS7166_08 Datasheet HTML 7Page - LSI Computer Systems LS7166_08 Datasheet HTML 8Page - LSI Computer Systems LS7166_08 Datasheet HTML 9Page - LSI Computer Systems LS7166_08 Datasheet HTML 10Page - LSI Computer Systems LS7166_08 Datasheet HTML 11Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FIGURE 2 . LOAD COUNTER, UP CLOCK, DOWN CLOCK, COMPARE OUT, CARRY, BORROW
NOTE 1: The counter in this example is assumed to be operating in the binary mode.
NOTE 2: No COMP output is generated here, although PR = CNTR. COMP output is disabled with a counter load command and
enabled with the rising edge of the next clock, thus eliminating invalid COMP outputs whenever the CNTR is loaded from the PR.
NOTE 3: When UP Clock is active, the DN Clock should be held "HIGH" and vice versa.
CNTR=FFFFFD
(PR=CNTR)
CNTR=FFFFFE CNTR=FFFFFF CNTR=000000
CNTR=000000
CNTR=FFFFFE
CNTR=0000001
CNTR=FFFFFD
(PR=CNTR)
CNTR=FFFFFF
NOTE 2
UP CLK (A)
DN CLK (B)
Q0
(Internal)
Q1
(Internal)
COMP
CY
BW
LTCR
TLCW
TCL
TUDD
TCH
TCL
TCH
Q2-Q23
(Internal)
TLC
UP CLK
OR DN CLK
CY
CYT
BW
BWT
COMP
COMPT
FIGURE 3. CLOCK TO CY/BW OUTPUT PROPAGATION DELAYS
TCBL
TCBH
TTFH
TCBL
TCBH
TTFH
TTFH
TTFL
TTFL
TCBL
TCBH
TTFL
SIGN
(INTERNAL)
7166-110103-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com