Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL402B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CFGL402B
Description  Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL402B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CFGL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PI6CFGL402B
Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
Electrical Characteristics–Current Consumption
(TA = -40~85oC; Supply Voltage VDD = 3.3V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Type
Max. Units
IDDOP
Operating Supply Current1
Total power consumption, All outputs active
@100MHz
60
mA
Notes:
1.Guaranteedbydesignandcharacterization,not100%testedinproduction.
Supply Voltage to Ground Potential......................................................4.6V
All Inputs and Output....................................................-0.5V toVDD+0.5V
Ambient Operating Temperature........................................... -40 to +85°C
Storage Temperature.......................................................... –65°C to +150°C
Junction Temperature .......................................................................... 125°C
Soldering Temperature.........................................................................260°C
ESD Protection (Input) ...........................................................2000V(HBM)
Note: Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions (TA = -40~85oC; Supply Voltage VDD = 3.3V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading
Conditions)
Symbol
Parameters
Condition
Min.
Type Max. Units
VDDX
Supply Voltage1
Supply voltage for core, analog
3.0
3.3
3.6
V
VDDO
Supply Voltage1
Supply voltage outputs
1.65
1.8
2.0
V
VIH
Input High Voltage1
OE, S0, S1, SS0, SS1
0.65
VDD
VDD +
0.3
V
VIL
Input Low Voltage1
OE, S0, S1, SS0, SS1
-0.3
0.35
VDD
V
IIN
Input Current1
Single-ended inputs, VIN = GND, VIN = VDD (ex-
clude XTAL pin)
-5
5
uA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resis-
tors
-200
200
uA
Fin
Input Frequency1
XTAL, or X1 input
23
25
27
MHz
Lpin
Pin Inductance1
7
nH
CIN
Capacitance1,4
Logic Inputs, except DIF_IN
1.5
5
pF
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
COUT
Output pin capacitance
6
pF
15-0032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com