Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL402B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CFGL402B
Description  Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL402B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CFGL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
Features
• PCIe®3.0,2.0and1.0complaint
• LVDScompatibleoutputs
• Supplyvoltageof3.3V±5%
• 25MHzcrystalorclockinputfrequency
• Lowpowerconsumptionwithindependentoutputpower
supply1.05Vto3.3V
• Jitter40pscycle-to-cycle(typ)
• Spreadof-0.5%,-1.0%,-1.5%,andnospread
• Industrialtemperaturerange
• SpreadBypassoptionavailable
• Spreadandfrequencyselectionviaexternalpins
• Packaging:(Pb-freeandGreen)
→20-pin,173-milwideTSSOP
Description
The PI6CFGL402B is a spread spectrum clock generator
compliantto PCI Express® 3.0 and Ethernet requirements.
ThedeviceisusedforPCorembeddedsystemstosubstantially
reduceElectromagneticInterference(EMI).
ThePI6CFGL402Bprovidesfourdifferential(HCSL)orLVDS
spread spectrum outputs. The PI6CFGL402B is configured
to select spread and clock selection. Using Pericom's patented
Phase-LockedLoop(PLL)techniques,thedevicetakesa25MHz
crystal input and produces four pairs of differential outputs
(HCSL) at 100MHz and 200MHz clock frequencies. It also
providesspreadselectionof-0.5%,-1.0%,-1.5%,andnospread.
Block Diagram
Pin Configuration
PLL
Crystal
Driver
VDD
GND
X1/CLK
X2
25 MHz
crystal
Spread
Spectrum/
Output
clock
selection
S[2:0] 3
CLK1
CLK1
CLK2
CLK2
2
2
Pulling
Capacitors
SS Circuitry
CLK3
CLK3
CLK0
CLK0
OE
PD
or clock
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLK0
CLK0
CLK1
CLK1
GNDA
VDDO
CLK2
CLK2
CLK3
CLK3
VDDA3.3
S0
S1
S2
X1
X2
PD
OE
GNDXD
VDDDIG3.3
PI6CFGL402B
Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
15-0032


Similar Part No. - PI6CFGL402B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL401BZHIE PERICOM-PI6CFGL401BZHIE Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL401BZHIEX PERICOM-PI6CFGL401BZHIEX Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
More results

Similar Description - PI6CFGL402B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com