Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL402B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CFGL402B
Description  Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL402B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CFGL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PI6CFGL402B
Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
Pin Description
Pin #
Pin Name
I/O Type
Description
1
VDDA3.3
Power
3.3V power for PLL core.
2
S0
Input
Spread Spectrum Select pin #0. See Spread Selection Table. Internal pull-up resistor.
3
S1
Input
Spread Spectrum Select pin #1. See Spread Selection Table. Internal pull-up resistor.
4
S2
Input
Spread Spectrum Select pin #2. See Spread Selection Table. Internal pull-up resistor.
5
X1
Input
Crystal connection.
6
X2
Output
Crystal connection.
7
PD
Input
Power down. Internal pull-up resistor.
8
OE
Input
Output enable. Tri-states output (High=enable outputs); Low=disable outputs). Internal pull-
up resister.
9
GNDXD
Power
Connect to digital circuit ground.
10
VDDDIG3.3
Power
3.3V digital power.
11
CLK3
Output
Selectable 100/200 MHz Spread Spectrum differential compliment output clock 3. LOW
when output is disabled.
12
CLK3
Output
Selectable 100/200 MHz Spread Spectrum differential true output clock 3. LOW when output
is disabled.
13
CLK2
Output
Selectable 100/200 MHz Spread Spectrum differential compliment output clock 2. LOW
when output is disabled.
14
CLK2
Output
Selectable 100/200 MHz Spread Spectrum differential true output clock 2. LOW when output
is disabled.
15
VDDO
Power
Output power supply, nominal 1.8V, range 1.05V~3.3V.
16
GNDA
Power
Output and Analog circuit ground
17
CLK1
Output
Selectable 100/200 MHz Spread Spectrum differential compliment output clock 1. LOW
when output is disabled.
18
CLK1
Output
Selectable 100/200 MHz Spread Spectrum differential true output clock 1. LOW when output
is disabled.
19
CLK0
Output
Selectable 100/200 MHz Spread Spectrum differential compliment output clock 0. LOW
when output is disabled.
20
CLK0
Output
Selectable 100/200 MHz Spread Spectrum differential true output clock 0. LOW when output
is disabled.
Table 2: Spread Selection Table
S2
S1
S0
Spread %
Spread Type
Output Frequency
0
0
0
-0.5
Down
100
0
0
1
-1.0
Down
100
0
1
0
-1.5
Down
100
0
1
1
No Spread
Not Applicable
100
1
0
0
-0.5
Down
200
1
0
1
-1.0
Down
200
1
1
0
-1.5
Down
200
1
1
1
No Spread
Not Applicable
200
15-0032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com