Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL402B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CFGL402B
Description  Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL402B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CFGL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PI6CFGL402B
Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
Driving LVDS inputs with the PI6CFGL402B
Component
Value
Receiver has termination
Receiver does not have termination
R7a, R7b
10K Ω
140 Ω
R8a, R8b
5.6K Ω
75 Ω
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Test Loads
Rs
RO
5 inches
Rs
Zo=100Ω
2pF
2pF
Low-Power HCSL Differential Output Test Load
Device
Driving LVDS
RO
Zo
Device
Driving LVDS
Cc
Cc
R7a
R7b
R8a
R8b
3.3V
LVDS Clock
input
Rs
Rs
15-0032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com