Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL402B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CFGL402B
Description  Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL402B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CFGL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PI6CFGL402B
Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
Symbol
Parameters
Condition
Min.
Type Max. Units
TSTAB
Clk Stabilization1,2
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
0.6
1
ms
fMODIN
Input SS Modulation
Frequency1
Allowable Frequency
(Triangular Modulation)
30
31.500 33
kHz
tOE
Output Enable Time1
All outputs
10
μs
tOT
Output Disable Time1 All outputs
10
μs
tSTABLE
From power-up to
VDD = 3.3V1
From Power-up VDD = 3.3V
3.0
ms
tSPREAD
Setting period after
spread change1
Setting period after spread change
3.0
ms
Note:
1.Guaranteedbydesignandcharacterization,not100%testedinproduction.
2.Controlinputmustbemonotonicfrom20%to80%ofinputswing.InputFrequencyCapacitance
3.Timefromdeassertionuntiloutputsare>200mV
4.DIF_INinput
Electrical Characteristics–CLK 0.7V Low Power HCSL Outputs (TA = -40~85oC; Supply Voltage VDD
= 3.3V +/-10%; VDDO = 1.8V +/-10%; 100MHz output frequency, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min.
Type Max.
Units
Trf
Slew rate1,2,3
1.1
2
4.5
V/ns
VHIGH
Voltage High1
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope aver-
aging on)
660
900
mV
VLOW
Voltage Low1
-150
150
mV
Vmax
Max Voltage1
Measurement on single ended signal using
absolute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage1
-300
mV
Vswing
Vswing1,2
Scope averaging off
300
mV
Vcross_abs
Crossing Voltage (abs)1,5
Scope averaging off
250
550
mV
Δ-Vcross
Crossing Voltage (var)1,6
Scope averaging off
140
mV
tDC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
tskew
Skew, Output to Output1 VT = 50%
50
ps
tjcyc-cyc
Jitter, Cycle to cycle1,2
PLL mode
50
ps
Note:
1.Guaranteedbydesignandcharacterization,not100%testedinproduction.
2.Measuredfromdifferentialwaveform
3.SlewrateismeasuredthroughtheVswingvoltagerangecenteredarounddifferential0V.Thisresultsina+/-150mVwindowarounddifferential0V.
4.MatchingappliestorisingedgerateforClockandfallingedgerateforClock#.Itismeasuredusinga+/-75mVwindowcenteredontheaveragecrosspoint
whereClockrisingmeetsClock#falling.Themediancrosspointisusedtocalculatethevoltagethresholdstheoscilloscopeistousefortheedgeratecalcula-
tions.
5.VcrossisdefinedasvoltagewhereClock=Clock#measuredonacomponenttestboardandonlyappliestothedifferentialrisingedge(i.e.Clockrisingand
Clock#falling).
6.ThetotalvariationofallVcrossmeasurementsinanyparticularsystem.NotethatthisisasubsetofVcross_min/max(Vcrossabsolute)allowed.Theintentis
tolimitVcrossinducedmodulationbysettingΔ-VcrosstobesmallerthanVcrossabsolute.
15-0032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com