Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL402B Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6CFGL402B
Description  Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL402B Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6CFGL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PI6CFGL402B
Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
Electrical Characteristics–Phase Jitter Parameters
(TA = -40~85oC; Supply Voltage VDD = 3.3V +/-10%; VDDO = 1.8V +/-10%; 100MHz output frequency, See Test Loads for
Loading Conditions)
Symbol
Parameters Condition
Min. Type Industry Limit
Units
tjphPCIeG1
Phase Jitter,
PCI Express
PCIe Gen 11,2,3,5
25
86
ps
(p-p)
tjphPCIeG2
PCIe Gen 2 Low Band 10kHz < f < 1.5MHz1,2,5
0.9
3
ps
(rms)
PCIe Gen 2 High Band 1.5MHz < f < Nyquist
(50MHz)1,2,5
1.6
3.1
ps
(rms)
tjphPCIeG3
PCIe Gen 3 (PLL BW of 2-4MHz, CDR =
10MHz)1,2,4,5
0.36
1
ps
(rms)
Notes:
1.Guaranteedbydesignandcharacterization,not100%testedinproduction.
2.Seehttp://www.pcisig.comforcompletespecs.
3.Samplesizeofatleast100kcycles.Thisfiguresextrapolatesto108pspk-pk@1McyclesforaBERof1-12.
4.CalculatedfromIntel-suppliedClockJitterTool.
5.Appliestoalldifferentoutputs.
15-0032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com