Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL601B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CFGL601B
Description  6-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL601B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CFGL601B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
PI6CFGL601B
RevA
01/16/15
PI6CFGL601B
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
All trademarks are property of their respective owners.
SMBus Table: Device Control Register, READ/WRITE ADDRESS (D2/D3)
BYTE 0
Bit
Pin#
Name
Control Function
Type 0
1
Default
7
Reserved
0
6
Reserved
0
5
Spread Enable
R/W
Off
-0.50%
1
4
Reserved
0
3
Reserved
0
2
Reserved
0
1
Reserved
0
0
Reserved
0
SMBus Table: Output Enable Register
BYTE 1
Bit
Pin#
Name
Control Function
Type 0
1
Default
7
Reserved
0
6
CLK_0 OE
Output Enable
R/W
Disable
Enable
1
5
Reserved
0
4
Reserved
0
3
CLK_1 OE
Output Enable
R/W
Disable
Enable
1
2
Reserved
0
1
Reserved
0
0
Reserved
0
SMBus Table: Reserved Register
BYTE 2
Bit
Pin#
Name
Control Function
Type 0
1
Default
7
Reserved
0
6
Reserved
0
5
Reserved
0
4
Reserved
0
3
Reserved
0
2
Reserved
0
1
Reserved
0
0
Reserved
0
15-0018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com