Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL601B Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6CFGL601B
Description  6-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL601B Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL601B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
PI6CFGL601B
RevA
01/16/15
PI6CFGL601B
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
All trademarks are property of their respective owners.
Electrical Characteristics–CLK 0.7V Low Power Differential Outputs
T
A = -40~85
o
C; Supply Voltage VDD = 3.3 V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for loading conditions
Symbol
Parameters
Condition
Min. Typ. Max. Units
Trf
Slew rate1,2,3
Scope averaging on
1
4
V/ns
ΔTrf
Slew rate matching1,2,4
Slew rate matching, Scope averaging on
20
%
VHigh
Voltage High1
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope averag-
ing on)
660
850
mV
VLow
Voltage Low1
-150
150
Vmax
Max Voltage1
Measurement on single ended signal using abso-
lute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage1
-300
Vswing
Vswing1,2
Scope averaging off
300
mV
Vcross_abs
Crossing Voltage (abs)1,5
Scope averaging off
300
550
mV
Δ-Vcross
Crossing Voltage (var)1,6
Scope averaging off
140
mV
Notes:
1. Guaranteed by design and characterization, not 100% tested in production. CL = 2pF with RS = 33Ω for Zo = 50Ω (100Ω differential trace impedance).
2. Measured from differential waveform.
3. Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around differential 0V.
4. Matching applies to rising edge rate of Clock / falling edge rate of Clock#. It is measured in a +/-75mV window centered on the average cross point where
Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the oscilloscope uses for the edge rate calculations.
5. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e. Clock rising and
Clock# falling).
6. The total variation of all Vcross measurements in any particular system. Note that this is a subset of V_cross_min/max (V_cross absolute) allowed. The intent is
to limit Vcross induced modulation by setting V_cross_delta to be smaller than V_cross abs.
Electrical Characteristics–Phase Jitter Parameters
T
A = -40~85
o
C; Supply Voltage VDD = 3.3 V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading Conditions
Symbol
Parameters
Condition
Min. Typ.
INDUSTRY
LIMIT
Units
t
jphPCIeG1
Phase Jitter, PCI
Express1,2,3,5
PCIe Gen 1
27
86
ps
(p-p)
t
jphPCIeG2
Phase Jitter, PCI
Express1,2,5
PCIe Gen 2 Low Band
10kHz < f < 1.5MHz
0.5
3
ps
(rms)
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.1
3.1
ps
(rms)
t
jphPCIeG3
Phase Jitter, PCI
Express1,2,4,5
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.5
1
ps
(rms)
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
2. See http://www.pcisig.com for complete specs.
3. Sample size of at least 100k cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4. Calculated from Intel-supplied Clock Jitter Tool.
5. Applies to all different outputs.
15-0018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com