Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL601B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CFGL601B
Description  6-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL601B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CFGL601B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
PI6CFGL601B
RevA
01/16/15
PI6CFGL601B
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
All trademarks are property of their respective owners.
Serial Data Interface (SMBus)
This part is a slave only device that supports blocks read and block write protocol using a single 7-bit address and read/write bit as
shown below.
Read and write block transfers can be stopped after any complete byte transfer by issuing STOP.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
W/R
1
1
0
1
0
0
1
0/1
Data Protocol
(Write)
1 bit
8 bits
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start bit Slave Addr: D2 Ack Register offset Ack Byte Count=N Ack Data Byte 0 Ack
Data
Byte N-1 Ack Stop bit
(Read)
1 bit
8 bits
1
8 bits
1
1
8 bits
1
8 bits
1 8 bits 1
8 bits
1
1
bit
Start bit
Slave
Addr: D2 Ack
Register
offset
Ack Repeat
start
Slave
Addr: D3 Ack
Byte
Count=N Ack
Data
Byte 0 Ack …
Data
Byte
N-1
NOT
Ack
Stop
bit
Note:
1.Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
15-0018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com