Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL601B Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6CFGL601B
Description  6-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL601B Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL601B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
PI6CFGL601B
RevA
01/16/15
PI6CFGL601B
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
All trademarks are property of their respective owners.
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
I
IN
Input Current1
Single-ended inputs, V
IN = GND, VIN = VDD
(exclude XTAL_IN pin)
-5
5
uA
I
INP
Single-ended inputs
V
IN = 0 V; Inputs with internal pull-up resis-
tors
V
IN = VDD; Inputs with internal pull-down
resistors
-200
200
uA
Tind
Ambient Operating
Temperature1
Industrial range
-40
85
°C
F
in
Input Frequency1
XTAL_IN
25.000
MHz
L
pin
Pin Inductance1
7
nH
C
IN
Capacitance1
Logic Inputs
1.5
5
pF
C
INXTAL
Crystal inputs
6
pF
C
OUT
Output pin capacitance
6
pF
T
STAB
Clk Stabilization1,2
From V
DD Power-Up and after input clock
stabilization to 1st clock
1.8
ms
f
MODIN
SS Modulation Fre-
quency1
Allowable Frequency (Triangular Modulation) 30
31.500 33
kHz
t
F
Tfall1,2
Fall time of control inputs
5
ns
t
R
Trise1,2
Rise time of control inputs
5
ns
V
ILSMB
SMBus Input Low
Voltage1
0.8
V
V
IHSMB
SMBus Input High
Voltage1
2.1
V
DDSMB
V
V
OLSMB
SMBus Output Low
Voltage1
@ I
PULLUP
0.4
V
I
PULLUP
SMBus Sink Current1
@ V
OL
4
mA
V
DDSMB
Nominal Bus Voltage1
3V to 5V +/- 10%
2.7
5.5
V
t
RSMB
SCLK/SDATA Rise
Time1
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
t
FSMB
SCLK/SDATA Fall
Time1
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
f
MAXSMB
SMBus Operating
Frequency1
Delay from assertion of first output enable reg-
ister to first clock Maximum SMBus operating
frequency
100
kHz
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Control input must be monotonic from 20% to 80% of input swing.
15-0018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com