Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL601B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CFGL601B
Description  6-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL601B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CFGL601B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
PI6CFGL601B
RevA
01/16/15
PI6CFGL601B
All trademarks are property of their respective owners.
Description
The PI6CFGL601B is a 6-output low-power 100MHz clock
sythesizer for PCIe Gen 1-2-3. It runs from a 25MHz XTAL,
provides spread spectrum capability, and has an SMBus for
software control of the device.
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
Application
Î
Î
PCIe 3.0/2.0/1.0 clock generation
Features
Î
Î
25MHz crystal or reference clock input
Î
Î
100MHz low power HCSL or LVDS compatible outputs
Î
Î
PCIe 3.0, 2.0 and 1.0 compliant
Î
Î
Selectable spread spectrum of -0.5% and no spread
Î
Î
Programmable output amplitude
Î
Î
Cycle-to-cycle jitter (typ.) ~ 30ps
Î
Î
Supply voltage of 3.3V+/-10%
Î
Î
Output supply voltage of 1.8V
Î
Î
Industrial ambient operating temperature
Î
Î
Available in lead-free package: 32-TQFN
Pin Configuration
7
8
9 10 11 12 13 14 15 16
1
2
3
4
5
6
GND
GND
CLK_5#
CLK_5
NC
VDD
NC
SDATA
SCLK
GND
18
17
24
23
22
21
20
19
32 31 30 29 28 27 26 25
VDDO1.8
CLK_0#
CLK_0
VDDO1.8
CLK_4
CLK_4#
Block Diagram
+
I+
+
u
t
-
OSC
6
CLK(5:0)
SDATA
SCLK
PROGRAMMABLE
SPREAD PLL
STOP
LOGIC
CONTROL
LOGIC
XTAL_IN or Ref CLK
XTAL_OUT
100MHz
15-0018


Similar Part No. - PI6CFGL601B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL201BZDIE PERICOM-PI6CFGL201BZDIE Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL201BZDIEX PERICOM-PI6CFGL201BZDIEX Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PI6CFGL202BLIE PERICOM-PI6CFGL202BLIE Datasheet
931Kb / 8P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
More results

Similar Description - PI6CFGL601B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com