Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL601B Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6CFGL601B
Description  6-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL601B Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL601B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CFGL601B Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
PI6CFGL601B
RevA
01/16/15
PI6CFGL601B
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
All trademarks are property of their respective owners.
Supply Voltage to Ground Potential......................................................4.6V
All Inputs and Output...................................................-0.5V to VDD +0.5V
Ambient Operating Temperature.......................................-40°C to +85oC
Storage Temperature.......................................................... –65°C to +150°C
Juction Temperature ............................................................................ 125°C
Soldering Temperature.........................................................................260°C
ESD Protection (Input) ......................................................... 2000V (HBM)
Note: Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Electrical Characteristics–Current Consumption
T
A = -40~85
o
C; Supply Voltage VDD = 3.3 V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for loading conditions
Symbol
Parameters
Condition
Min. Typ. Max. Units
I
DD3.3
Operating Supply Current1
VDD, All outputs active @100MHz
50
65
mA
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
Electrical Characteristics–Output Duty Cycle, Jitter, and Skew Characteristics
T
A = -40~85
o
C; Supply Voltage VDD = 3.3 V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading Conditions
Symbol
Parameters
Condition
Min. Typ. Max. Units
t
DC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
tskew
Skew, Output to Output1
VT = 50%
50
ps
t
jcyc-cyc
Jitter, Cycle to cycle1,2
PLL mode
50
ps
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
Electrical Characteristics–Input/Supply/Common Output Parameters
T
A = -40~85
o
C; Supply Voltage VDD = 3.3 V +/-10%; VDDO = 1.8V +/-10%
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
V
DD
Supply Voltage1
Supply voltage for core, analog
3.0
3.3
3.6
V
V
DDO
Supply Voltage1
Supply voltage outputs
1.65
1.8
2.0
V
V
IH
Input High Voltage1
Single-ended inputs, except SMBus
0.65 V
DD
V
DD +0.3
V
V
IL
Input Low Voltage1
Single-ended inputs, except SMBus
-0.3
0.35 V
DD
V
V
OH
Output High Voltage1
Single-ended outputs, except SMBus. I
OH =
-2mA
V
DD -0.45
V
V
OL
Outputt Low Voltage1
Single-ended outputs, except SMBus. I
OL =
-2mA
0.45
V
15-0018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com