Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP232 Datasheet(PDF) 5 Page - Tontek Design Technology

Part # TTP232
Description  2 keys Touch Pad Detector IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP232 Datasheet(HTML) 5 Page - Tontek Design Technology

  TTP232 Datasheet HTML 1Page - Tontek Design Technology TTP232 Datasheet HTML 2Page - Tontek Design Technology TTP232 Datasheet HTML 3Page - Tontek Design Technology TTP232 Datasheet HTML 4Page - Tontek Design Technology TTP232 Datasheet HTML 5Page - Tontek Design Technology TTP232 Datasheet HTML 6Page - Tontek Design Technology TTP232 Datasheet HTML 7Page - Tontek Design Technology TTP232 Datasheet HTML 8Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TTP232
12/06/25
Page 5 of 8
Version:1.0
Reference Only
Ⅲ. Maximum key on duration time(By MOTB pad option)
If some objects cover in the sense pad, and causing the change quantity enough to be detected.
To prevent this, the TTP232 sets a timer to monitor the detection. The timer is the maximum on
duration time. When the detection is over the timer, the system will return to the power-on initial
state, and the output becomes inactive until the next detection
MOTB
Option features
Remark
1
Infinite(Disable maximum on time)
Default
0
Maximum on time 16 sec
Ⅳ. Key operating mode(By SM pad option)
The TTP232 has the Single-key and Multi-key functions by SM pad option
SM
Option features
Remark
1
Multi-key mode
Default
0
Single key mode
Multi-key mode:The TP0-TP1 can be detected 2 keys the same time
Single-key mode:The TP0-TP1 can be detected 1 key only at the same time, when any key be
detected, the other keys can not be detected
Ⅴ. The response time select(By DBT pad option)
The TTP232 has two kinds of response time functions by DBT pad option
DBT
Option features
Remark
1
220 msec
Default
0
270 msec
Ⅵ. The operating timing for key scanning
The states and timing for key scanning
TP
TPQ
~125ms
ABOUT 8SEC
~16ms
~125ms
~16ms
~125ms
Stand-by timing
Stand-by timing
Touch operation timing
Touch operation timing
Stand-by timing
(NOT REALLY TOUCH)
KEY RELEASE
POSSIBLE KEY TOUCH
KEY RELEASE
KEY TOUCH
VSS
VDD
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com