Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP232 Datasheet(PDF) 1 Page - Tontek Design Technology

Part # TTP232
Description  2 keys Touch Pad Detector IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP232 Datasheet(HTML) 1 Page - Tontek Design Technology

  TTP232 Datasheet HTML 1Page - Tontek Design Technology TTP232 Datasheet HTML 2Page - Tontek Design Technology TTP232 Datasheet HTML 3Page - Tontek Design Technology TTP232 Datasheet HTML 4Page - Tontek Design Technology TTP232 Datasheet HTML 5Page - Tontek Design Technology TTP232 Datasheet HTML 6Page - Tontek Design Technology TTP232 Datasheet HTML 7Page - Tontek Design Technology TTP232 Datasheet HTML 8Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TTP232
12/06/25
Page 1 of 8
Version:1.0
Reference Only
2 keys Touch Pad Detector IC
Outline
The TTP232 TonTouch
TM IC is capacitive sensing design specifically for touch pad controls.
The device built in regulator for touch sensor. Stable sensing method can cover diversity
conditions. Human interfaces control panel links through non-conductive dielectric material.
The main application is focused at replacing of the mechanical switch or button. The ASSP
can independently handle the 2 touch pads with 2 direct output pins
Characteristic
Operating voltage 2.4V ~ 5.5V
Built-in regulator for touch sensor
Operating current, @VDD=3V no load
At stand-by typical 2.5uA
Have two kinds of response time max about 220mS/270mS from stand-by state @VDD=3V, it
selects by pad option(DBT pin)
Sensitivity can adjust by the capacitance(1~50pF)outside for each touch pad
Provides direct mode or toggle mode、active high or active low by pad option
(TOG/AHLB pin)
Have the maximum on time 16sec/infinite by pad option(MOTB pin)
Offer multi-key or single-key feature by pad option(SM pin)
After power-on have about 0.5sec stable-time, during the time do not touch the key pad, and
the function is disabled
Auto calibration for life
The re-calibration period is about 1 sec within 8 sec after power-on. When key has been
touched within 8 sec or key has not been touched more than 8 sec after power-on, then the
re-calibration period change to 4 sec
Applications
Wide consumer products
Button key replacement


Similar Part No. - TTP232

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP232-CA6 TONTEK-TTP232-CA6 Datasheet
348Kb / 8P
2 keys Touch Pad Detector IC
More results

Similar Description - TTP232

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP224B TONTEK-TTP224B Datasheet
313Kb / 11P
4 keys Touch Pad Detector IC
TTP224B-BSBN TONTEK-TTP224B-BSBN Datasheet
270Kb / 9P
4 keys Touch Pad Detector IC
TTP224B-RO8N TONTEK-TTP224B-RO8N Datasheet
245Kb / 8P
2 keys Touch Pad Detector IC
TTP224B-SQBN TONTEK-TTP224B-SQBN Datasheet
278Kb / 9P
4 keys Touch Pad Detector IC
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP232-CA6 TONTEK-TTP232-CA6 Datasheet
348Kb / 8P
2 keys Touch Pad Detector IC
TTP239 TONTEK-TTP239 Datasheet
308Kb / 16P
8 keys Touch Pad Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com