Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP232 Datasheet(PDF) 2 Page - Tontek Design Technology

Part # TTP232
Description  2 keys Touch Pad Detector IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP232 Datasheet(HTML) 2 Page - Tontek Design Technology

  TTP232 Datasheet HTML 1Page - Tontek Design Technology TTP232 Datasheet HTML 2Page - Tontek Design Technology TTP232 Datasheet HTML 3Page - Tontek Design Technology TTP232 Datasheet HTML 4Page - Tontek Design Technology TTP232 Datasheet HTML 5Page - Tontek Design Technology TTP232 Datasheet HTML 6Page - Tontek Design Technology TTP232 Datasheet HTML 7Page - Tontek Design Technology TTP232 Datasheet HTML 8Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TTP232
12/06/25
Page 2 of 8
Version:1.0
Reference Only
Block diagram
Pin Description
Pad NO
Pad Name
Type
Pad Description
1
TPQ0
O
CMOS output pin for TP0 touch input pin
2
AHLB
I-PH
Output TPQ0, TPQ1 active high or low selection,
1(Default)
 Active high;0  Active low
3
VSS
P
Negative power supply, ground
4
TOG
I-PH
Output type option pin,
1(Default)
 Direct output;0  Toggle output
5
TP0
I/O
Touch pad input pin
6
VDD
P
Positive power supply
7
TP1
I/O
Touch pad input pin
8
DBT
I-PH
Response time option
1(Default)
 220Ms;0  270mS
9
MOTB
I-PH
Maximum on time selection
1(Default)
 Disable;0  Enable
10
SM
I-PH
Single/multi key option
1(Default)
 Multi-key mode;0  Single key mode
11
TPQ1
O
CMOS output pin for TP1 touch input pin
接腳類型
I
CMOS input only
I-PH
CMOS input and pull-high resister
O
CMOS push-pull output
I-PL
CMOS input and pull-low resister
I/O
CMOS
I/O
OD
Open drain output, have no Diode
protective circuit
P
Power/Ground
DBT
TOG
SM
AHLB
MOTB
TPQ1
TPQ0
Regulator
circuit
System oscillator
circuit
&
Timing counter
Function option
control circuit
TP1
TP0
control
Key-on & timing
circuit
driver
&
mode
Output
circuit
Touch detecting
Sensor oscillator
circuit
detecting circuit
Reference
Sensor &



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com