Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP232 Datasheet(PDF) 6 Page - Tontek Design Technology

Part # TTP232
Description  2 keys Touch Pad Detector IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP232 Datasheet(HTML) 6 Page - Tontek Design Technology

  TTP232 Datasheet HTML 1Page - Tontek Design Technology TTP232 Datasheet HTML 2Page - Tontek Design Technology TTP232 Datasheet HTML 3Page - Tontek Design Technology TTP232 Datasheet HTML 4Page - Tontek Design Technology TTP232 Datasheet HTML 5Page - Tontek Design Technology TTP232 Datasheet HTML 6Page - Tontek Design Technology TTP232 Datasheet HTML 7Page - Tontek Design Technology TTP232 Datasheet HTML 8Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TTP232
12/06/25
Page 6 of 8
Version:1.0
Reference Only
Application circuit
104
C1
Cs0
K0
VCC
K1
Cs1
NC 9
TPQ0 11
AHLB 12
VSS 13
TOG 14
VDD 16
TP0 15
6 TPQ1
5 SM
4 MOTB
3 DBT
2 TP1
NC 10
8 NC
7 NC
1 NC
P.S.:
1.
On PCB, the length of lines from touch pad to IC pin shorter is better
And the lines do not parallel and cross with other lines
2.
The power supply must be stable. If the supply voltage drift or shift quickly, maybe causing
sensitivity anomalies or false detections
3.
The material of panel covering on the PCB can not include the metal or the electric element.
The paints on the surfaces are the same
4.
The C1 capacitor must be used between VDD and VSS; and should be routed with very short
tracks to the device’s VDD and VSS pins (TTP232)
5.
The capacitance Cs0~Cs1 can be used to adjust the sensitivity. The value of Cs0~Cs1 use
smaller, then the sensitivity will be better. The sensitivity adjustment must according to the
practical application on PCB. The range of Cs0~Cs1 value are 1~50pF
6.
The sensitivity adjustment capacitors(Cs0~Cs1)must use smaller temperature coefficient and
more stable capacitors. Such are X7R, NPO for example. So for touch application, recommend to
use NPO capacitor, for reducing that the temperature varies to affect sensitivity



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com